Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ9-00W900 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LZ9-00W900
Description  High Luminous Efficacy Warm White LED Emitter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LZ9-00W900 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LZ9-00W900 Datasheet HTML 3Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 4Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 5Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 6Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 7Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 8Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 9Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 10Page - List of Unclassifed Manufacturers LZ9-00W900 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
LZ9-00WW00, LZ9-00W900 (1.2-02/07/13)
LED Engin | 651 River Oaks Parkway | San Jose, CA 95134 USA | ph +1 408 922 7200 | fax +1 408 922 0158 | em sales@ledengin.com | www.ledengin.com
Forward Voltage Range per String
Table 5:
Bin Code
Minimum
Forward Voltage (VF)
@ IF = 700mA
[1,2]
(V)
Maximum
Forward Voltage (VF)
@ IF = 700mA
[1,2]
(V)
0
9.0
10.8
Notes for Table 5:
1.
LED Engin maintains a tolerance of ± 0.04V for forward voltage measurements.
2.
Forward Voltage per string of 3 LED dies connected in series.
Absolute Maximum Ratings
Table 6:
Parameter
Symbol
Value
Unit
DC Forward Current at Tjmax=135°C
[1]
IF
800
mA
DC Forward Current at Tjmax=150°C
[1]
IF
700
mA
Peak Pulsed Forward Current
[2]
IFP
1000
mA
Reverse Voltage
VR
See Note 3
V
Storage Temperature
Tstg
-40 ~ +150
°C
Junction Temperature
TJ
150
°C
Soldering Temperature
[4]
Tsol
260
°C
Allowable Reflow Cycles
6
Autoclave Conditions
[5]
121°C at 2 ATM,
100% RH for 168 hours
ESD Sensitivity
[6]
> 8,000 V HBM
Class 3B JESD22-A114-D
Notes for Table 6:
1.
Maximum DC forward current (per die) is determined by the overall thermal resistance and ambient temperature. Follow the curv es in Figure 10 for current
de-rating.
2:
Pulse forward current conditions: Pulse Width ≤ 10msec and Duty Cycle ≤ 10%.
3.
LEDs are not designed to be reverse biased.
4.
Solder conditions per JEDEC 020c. See Reflow Soldering Profile Figure 3.
5.
Autoclave Conditions per JEDEC JESD22-A102-C.
6.
LED Engin recommends taking reasonable precautions towards possible ESD damages and handling the LZ9-00Wx00
in an electrostatic protected area (EPA). An EPA may be adequately protected by ESD controls as outlined in ANSI/ESD S6.1.
Optical Characteristics @ TC = 25°C
Table 7:
Parameter
Symbol
Minimum CRI 80
Minimum CRI 90
Unit
2700K
3000K-
3500K
2700K
3000K-
3500K
Luminous Flux (@ IF = 700mA)
[1]
Φv
1250
1350
900
950
lm
Luminous Efficacy (@ IF =350mA)
73
79
53
56
lm/W
Color Rendering Index (CRI)
Ra
82
92
Viewing Angle
[2]
½
110
110
110
110
Degrees
Total Included Angle
[3]
Θ0.9
120
120
120
120
Degrees
Notes for Table 7:
1.
Luminous flux typical value is for all 9 LED dies operating concurrently at rated current.
2.
Viewing Angle is the off axis angle from emitter centerline where the luminous intensity is ½ of the peak value.
3.
Total Included Angle is the total angle that includes 90% of the total luminous flux.


Similar Part No. - LZ9-00W900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
More results

Similar Description - LZ9-00W900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LZ9-00NW00 ETC-LZ9-00NW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Neutral White LED Emitter
LZ9-00CW00 ETC-LZ9-00CW00 Datasheet
1Mb / 22P
   High Luminous Efficacy Cool White LED Emitter
LZC-00CW00 ETC2-LZC-00CW00 Datasheet
286Kb / 12P
   High Luminous Efficacy Cool White LED Emitter
LZ1-00UA00 ETC2-LZ1-00UA00 Datasheet
983Kb / 19P
   High Efficacy VIOLET LED Emitter
logo
OptoSupply Internationa...
OSXXFLLFE1E OPTOSUPPLY-OSXXFLLFE1E Datasheet
93Kb / 1P
   High Luminous Efficacy Star MCPCB COB 6W LED
OSXXFLLFE1E_VER.A.2 OPTOSUPPLY-OSXXFLLFE1E_VER.A.2 Datasheet
93Kb / 1P
   high luminous efficacy star mcpcb cob 6w led
logo
Marl International Limi...
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
   WARM WHITE LED
logo
NICHIA CORPORATION
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
   WARM WHITE LED
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
   WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
   WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com