Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSN-11-1A Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PDSN-11-1A
Description  1 CELL TYPE "D" BATTERY HOLDER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PDSN-11-1A Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PDSN-11-1A Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
1 CELL TYPE "D" BATTERY HOLDER
PDSN-11-1X
GQ
05/24/02
TD
05/30/02
PB
05/30/02
MATERIAL AND FINISH:
Insulator: Impact resistance Polypropylene, black,
UL-94V-HB rated
PDSN-11-1A (wire leads): PVC, 26 AWG
Contact & terminals:
PDSN-11-1C: Brass, Nickel plated
Spring: Spring Steel, Nickel plated imbedded in
Polypropylene
ENVIRONMENTAL:
Operating temperature: -5°C to +83°C
+
_
7.7±0.3
55.1±0.3
6.0
4X 3.6
4X 5.4
24.0
29.4±0.5
70.6±0.5
36.0±0.5
2X 150±5
2X 4
STRIP
AND
TIN
RED
BLACK
(+)
(-)
PDSN-11-1A WIRE LEADS
0.30 TYP.
(+)
(-)
Ø2.5 TYP.
PDSN-11-1C SOLDER LUGS
RoHS
COMPLIANT


Similar Part No. - PDSN-11-1A

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-11A POWERDYNAMICS-PDSN-11A Datasheet
48Kb / 1P
   2 CELL TYPE "AA" BATTERY HOLDER SIDE BY SIDE
PDSN-11B POWERDYNAMICS-PDSN-11B Datasheet
48Kb / 1P
   2 CELL TYPE "AA" BATTERY HOLDER SIDE BY SIDE
PDSN-11C POWERDYNAMICS-PDSN-11C Datasheet
48Kb / 1P
   2 CELL TYPE "AA" BATTERY HOLDER SIDE BY SIDE
PDSN-11D POWERDYNAMICS-PDSN-11D Datasheet
48Kb / 1P
   2 CELL TYPE "AA" BATTERY HOLDER SIDE BY SIDE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com