Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8567ARU Datasheet(PDF) 10 Page - Analog Devices

Part # AD8567ARU
Description  16 V Rail-to-Rail Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567ARU Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8567ARU Datasheet HTML 4Page - Analog Devices AD8567ARU Datasheet HTML 5Page - Analog Devices AD8567ARU Datasheet HTML 6Page - Analog Devices AD8567ARU Datasheet HTML 7Page - Analog Devices AD8567ARU Datasheet HTML 8Page - Analog Devices AD8567ARU Datasheet HTML 9Page - Analog Devices AD8567ARU Datasheet HTML 10Page - Analog Devices AD8567ARU Datasheet HTML 11Page - Analog Devices AD8567ARU Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8565/AD8566/AD8567
–10–
REV. A
Figure 5 shows the test circuit. Series capacitors and resistors
connected to the output of the op amp represent the load of the
LCD panel. The 300
Ω and 3 kΩ feedback resistors are used to
improve settling time. This test circuit simulates the worst-case
scenario for a VCOM. It drives a represented load that is connected
to a signal switched symmetrically around VCOM. Figure 6 displays
a scope photo of the instantaneous output peak current capability
of the AD856x family.
INPUT 0V TO 8V
SQUARE WAVE WITH
15.6 s PULSEWIDTH
300
3k
10
10
10
10
10nF
10nF
10nF
10nF
MEASURE
CURRENT
4V
8V
10 –20
Figure 5. VCOM Test Circuit with Supply Voltage at 16 V
10
0%
100
90
TIME – 2 s/DIV
CH 1 = 5V/DIV
CH 2 =
100mA/DIV
Figure 6. Scope Photo of the VCOM Instantaneous
Peak Current


Similar Part No. - AD8567ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8567ARU AD-AD8567ARU Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ARU-REEL AD-AD8567ARU-REEL Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ARUZ AD-AD8567ARUZ Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8567ARUZ AD-AD8567ARUZ Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
AD8567ARUZ-REEL AD-AD8567ARUZ-REEL Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
More results

Similar Description - AD8567ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8567 AD-AD8567_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
AD8565 AD-AD8565_17 Datasheet
334Kb / 13P
   16 V Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
   16 MHz rail-to-rail CMOS 16 V operational amplifiers
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
   10 MHz rail-to-rail CMOS 16 V operational amplifiers
January 2016 Rev 4
logo
Analog Devices
AD8638 AD-AD8638_16 Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
AD8639WARZ AD-AD8639WARZ Datasheet
629Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
Rev. F
AD8638 AD-AD8638_07 Datasheet
646Kb / 20P
   16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com