Selected language     English  ▼


74VHCT04A_07 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VHCT04A_07
Description  74VHCT04A Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT04A Rev. 1.4.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(4)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Notes:
1. HIGH or LOW state. IOUT absolute maximum rating must be observed.
2. VCC = 0V.
3. VOUT < GND, VOUT > VCC (Outputs Active).
4. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
Note 1
Note 2
–0.5V to VCC + 0.5V
–0.5V to 7.0V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current(3)
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
4.5V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
Note 2
Note 3
0V to VCC
0V to 5.5V
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time, VCC = 5.0V ±0.5V
0ns/V
∼ 20ns/V




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl