Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47FM3288SBB Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM47FM3288SBB
Description  16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47FM3288SBB Datasheet(HTML) 5 Page - Eorex Corporation

  EM47FM3288SBB Datasheet HTML 1Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 2Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 3Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 4Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 5Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 6Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 7Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 8Page - Eorex Corporation EM47FM3288SBB Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
EM47FM3288SBB
Jul. 2012
5/41
www.eorex.com
Ball Description (Continued)
D3,D10,P10,P3
D4,D9,P9,P4
DQS0~3,
/DQS0~3
(Data Strobe)
Output with read data, input with write data. Edge aligned with read
data, centered with write data. The data strobes DQS are paired
with differential signals /DQS, respectively, to provide differential
pair signaling to the system during both reads and writes. DDR3
SDRAM supports differential data strobe only and does not support
single-ended.
G4,G3,J4
RAS , CAS
, WE
(Command Inputs)
RAS , CAS & WE (along with CS ) define the command being
entered.
C4,C9,R9,R4
DM0 ~MD3
(Input Data Mask)
DM is input mask signal for write data. Input data is masked when
DM are sampled HIGH coincident with that input data during a write
access. DM is sampled on both edges of DQS.
B2,A4,C2,B4,E2,E4,F
2,F4,B11,A9,C11,B9,
E11,E9,F11,F9,M11,
M9,N11,N9,R11,T9,T
11,U9,M2,M4,N2,N4,
R2,T4,T2,U4
DQ0~31
(Data Input/Output)
Data inputs and outputs are on the same pin.
A1,G1,L1,U1,A12,
G12,L12,U12,/F1,M1,
A2,J2,U2,A11,J11,
U11,F12,M12
VDD/VSS
(Power Supply/Ground)
VDD and VSS are power supply for internal circuits.
B1,C1,R1,T1,D2,P2,
E3,F3,M3,N3,E10,F1
0,M10,N10,D11,P11,
B12,C12,R12,T12/D1
,E1,N1,P1,A3,B3,C3,
R3,T3,U3,
A10,B10,C10,R10,T1
0,U10,D12,E12,N12,
P12
VDDQ/
VSSQ
(DQ Power Supply/DQ Ground)
VDDQ and VSSQ are power supply for the output buffers.
J3,J10,G2,H12
ZQ0 ~ZQ3
(ZQ Calibration)
Reference pin for ZQ calibration
H1
RESET
(Active Low Asynchronous Reset)
Reset is active when RESET is LOW, and inactive when RESET
is HIGH. RESET must be HIGH during normal operation.
RESET is a CMOS rail to rail signal with DC high and low at 80%
and 20% of VDD, i.e. 1.20V for DC high and 0.30V for DC low.
J1
VREFDQ
(Reference Voltage)
Reference voltage for DQ
J12
VREFCA
(Reference Voltage)
Reference voltage for CA
Note: Input pins only BA0-BA2, A0-A13, RAS , CAS , WE , CS , CKE, ODT and RESET do not supply
termination.


Similar Part No. - EM47FM3288SBB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM3288SBB EOREX-EM47FM3288SBB_15 Datasheet
1Mb / 41P
   Double DATA RATE 3 Stack SDRAM
More results

Similar Description - EM47FM3288SBB

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM3288SBA EOREX-EM47FM3288SBA Datasheet
1Mb / 40P
   16Gb (64M횞8Bank횞32) Double DATA RATE 3 Stack SDRAM
EM47EM3288SBA EOREX-EM47EM3288SBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
EM47FM3288SBB EOREX-EM47FM3288SBB_15 Datasheet
1Mb / 41P
   Double DATA RATE 3 Stack SDRAM
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
EM47FM1688MCA EOREX-EM47FM1688MCA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47DM0888SBA EOREX-EM47DM0888SBA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBB EOREX-EM47EM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47CM1688SBB EOREX-EM47CM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
EM47EM1688SBC EOREX-EM47EM1688SBC_15 Datasheet
3Mb / 37P
   Double DATA RATE 3 SDRAM
EM47DM1688SBB EOREX-EM47DM1688SBB_15 Datasheet
2Mb / 38P
   Double DATA RATE 3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com