Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM488M1644VTF Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM488M1644VTF
Description  128Mb (2M횞4Bank횞16) Synchronous DRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M1644VTF Datasheet(HTML) 5 Page - Eorex Corporation

  EM488M1644VTF Datasheet HTML 1Page - Eorex Corporation EM488M1644VTF Datasheet HTML 2Page - Eorex Corporation EM488M1644VTF Datasheet HTML 3Page - Eorex Corporation EM488M1644VTF Datasheet HTML 4Page - Eorex Corporation EM488M1644VTF Datasheet HTML 5Page - Eorex Corporation EM488M1644VTF Datasheet HTML 6Page - Eorex Corporation EM488M1644VTF Datasheet HTML 7Page - Eorex Corporation EM488M1644VTF Datasheet HTML 8Page - Eorex Corporation EM488M1644VTF Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
eorex
EM488M1644VTF
Jan. 2011
www.eorex.com
Recommended DC Operating Conditions
(VDD, VDDQ=3.3V±0.3V, VSS=0V)
Max.
Symbol
Parameter
Test Conditions
-6
-7
Units
ICC1
Operating Current
(Note 1)
Burst length=1,
tRC≥tRC(min.), IOL=0mA,
One bank active
110
100
mA
ICC2P
CKE
≤V
IL(max.), tCK=min
5
5
mA
ICC2PS
Precharge Standby Current in
Power Down Mode
CKE
≤V
IL(max.), tCK=
5
5
mA
CKE
≥V
ICC2N
IL(min.), tCK=min,
38
38
mA
/CS=VIH
Precharge Standby Current in
Non-power Down Mode
ICC2NS
CKE
≥V
IL(min.), tCK=
,
28
28
mA
Input signals are stable
Active Standby Current in
Power Down Mode
CKE
≤V
ICC3P
IL(max.), tCK=min
15
15
mA
4 banks active
ICC3N
Active Standby Current in
Non-power Down Mode
CKE
≥V
IH(min.), tCK=min,
65
65
mA
/CS=V (min.)
IH
4 banks active
Operating Current (Burst
Mode)
I
t
CC4
(Note 2)
CK=min
120
100
mA
Auto Refresh Current
(Note 3)
I
t
CC5
CK=min
150
140
mA
ICC6
Self Refresh Current
CKE
≤0.2V
1.2
1
(Note 4)
mA
*All voltages referenced to VSS.
Note 1: ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Input signals are changed only one time during tCK (min.)
Note 4: Standard power version.
Recommended DC Operating Conditions (Continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
≤V
I≤VDDQ, VDDQ=VDD
-10
+10
uA
All other pins not under test=0V
I
Output Leakage Current
-10
+10
uA
0
≤V
OL
O≤VDDQ, D
is disabled
OUT
V
High Level Output Voltage
I
OH
O=-4mA
2.4
V
V
Low Level Output Voltage
I
OL
O=+4mA
0.4
V
5/18


Similar Part No. - EM488M1644VTF

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VTF EOREX-EM488M1644VTF_15 Datasheet
651Kb / 18P
   Synchronous DRAM
More results

Similar Description - EM488M1644VTF

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VBB EOREX-EM488M1644VBB Datasheet
252Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBA EOREX-EM488M1644LBA Datasheet
626Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBC EOREX-EM488M1644LBC Datasheet
278Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VBA EOREX-EM488M1644VBA Datasheet
637Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM488M1644VTB ETC2-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Eorex Corporation
EM488M1644VTE EOREX-EM488M1644VTE Datasheet
684Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTC EOREX-EM488M1644VTC Datasheet
682Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644VTB EOREX-EM488M1644VTB Datasheet
248Kb / 17P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
EM488M1644LBB EOREX-EM488M1644LBB Datasheet
667Kb / 19P
   128Mb (2M횞4Bank횞16) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S81600F ISSI-IS42S81600F Datasheet
1,005Kb / 62P
   128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com