Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB070AN06_F085 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDB070AN06_F085
Description  N-Channel PowerTrench짰 MOSFET 60V, 80A, 7m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB070AN06_F085 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDB070AN06_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 6Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 7Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 8Page - Fairchild Semiconductor FDB070AN06_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 11. Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 13. Capacitance vs Drain to Source
Voltage
Figure 14. Gate Charge Waveforms for Constant
Gate Current
Typical Characteristics T
C = 25°C unless otherwise noted
0.4
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
200
VGS = VDS, ID = 250µA
TJ, JUNCTION TEMPERATURE (
oC)
0.90
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
100
1000
10000
0.1
1
10
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
0
10
203040
5060
Qg, GATE CHARGE (nC)
VDD = 30V
ID = 80A
ID = 15A
WAVEFORMS IN
DESCENDING ORDER:
©2012 Fairchild Semiconductor Corporation
FDB070AN06A0_F085 Rev. B1
www.fairchildsemi.com


Similar Part No. - FDB070AN06_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB070AN06A0 FAIRCHILD-FDB070AN06A0 Datasheet
599Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 80A, 7m
More results

Similar Description - FDB070AN06_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDB035AN06A0 FAIRCHILD-FDB035AN06A0_12 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP070AN06A0 FAIRCHILD-FDP070AN06A0 Datasheet
599Kb / 12P
   N-Channel PowerTrench MOSFET 60V, 80A, 7m
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_05 Datasheet
258Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com