Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8574ARU Datasheet(PDF) 6 Page - Analog Devices

Part # AD8574ARU
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8574ARU Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8574ARU Datasheet HTML 2Page - Analog Devices AD8574ARU Datasheet HTML 3Page - Analog Devices AD8574ARU Datasheet HTML 4Page - Analog Devices AD8574ARU Datasheet HTML 5Page - Analog Devices AD8574ARU Datasheet HTML 6Page - Analog Devices AD8574ARU Datasheet HTML 7Page - Analog Devices AD8574ARU Datasheet HTML 8Page - Analog Devices AD8574ARU Datasheet HTML 9Page - Analog Devices AD8574ARU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD8571/AD8572/AD8574
–6–
REV. 0
SUPPLY VOLTAGE – V
800
0
700
400
300
200
100
600
500
0
16
23
45
TA = 25 C
Figure 10. Supply Current vs.
Supply Voltage
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
60
50
40
40
30
20
10
0
10
20
30
AV = 100
VS = 2.7V
CL = 0pF
RL = 2k
AV = 10
AV = +1
Figure 13. Closed Loop Gain vs.
Frequency at 2.7 V
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
300
270
0
240
210
180
150
120
90
60
30
VS = 5V
AV = 100
AV = 1
AV = 10
Figure 16. Output Impedance vs.
Frequency at 5 V
FREQUENCY – Hz
10k
100k
100M
1M
10M
60
50
40
40
30
20
10
0
10
20
30
45
90
135
180
225
270
0
VS = 2.7V
CL = 0pF
RL =
Figure 11. Open-Loop Gain and
Phase Shift vs. Frequency at 2.7 V
AV = 100
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
60
50
40
40
30
20
10
0
10
20
30
VS = 5V
CL = 0pF
RL = 2k
AV = 10
AV = +1
Figure 14. Closed Loop Gain vs.
Frequency at 5 V
2 s
500mV
VS = 2.7V
CL = 300pF
RL = 2k
AV = 1
Figure 17. Large Signal Transient
Response at 2.7 V
FREQUENCY – Hz
10k
100k
100M
1M
10M
60
50
40
40
30
20
10
0
10
20
30
45
90
135
180
225
270
0
VS = 5V
CL = 0pF
RL =
Figure 12. Open-Loop Gain and
Phase Shift vs. Frequency at 5 V
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
300
270
0
240
210
180
150
120
90
60
30
VS = 2.7V
AV = 100
AV = 1
AV = 10
Figure 15. Output Impedance vs.
Frequency at 2.7 V
5 s
1V
VS = +5V
CL = 300pF
RL = 2k
AV = 1
Figure 18. Large Signal Transient
Response at 5 V


Similar Part No. - AD8574ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8574ARU AD-AD8574ARU Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574ARU AD-AD8574ARU Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574ARU AD-AD8574ARU Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574ARU-REEL AD-AD8574ARU-REEL Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8574ARU-REEL AD-AD8574ARU-REEL Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8574ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8551 AD-AD8551 Datasheet
262Kb / 20P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com