Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD10AN06_F085 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDD10AN06_F085
Description  N-Channel PowerTrench짰 MOSFET 60V, 50A, 10.5m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD10AN06_F085 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FDD10AN06_F085_12 Datasheet HTML 3Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 4Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 5Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 6Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 7Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 8Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 9Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 10Page - Fairchild Semiconductor FDD10AN06_F085_12 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PSPICE Electrical Model
.SUBCKT FDD10AN06A0 2 1 3 ;
rev July 2002
Ca 12 8 7e-10
Cb 15 14 7e-10
Cin 6 8 1.8e-9
Dbody 7 5 DbodyMOD
Dbreak 5 11 DbreakMOD
Dplcap 10 5 DplcapMOD
Ebreak 11 7 17 18 67.2
Eds 14 8 5 8 1
Egs 13 8 6 8 1
Esg 6 10 6 8 1
Evthres 6 21 19 8 1
Evtemp 20 6 18 22 1
It 8 17 1
Lgate 1 9 3.2e-9
Ldrain 2 5 1.0e-9
Lsource 3 7 1.2e-9
RLgate 1 9 32
RLdrain 2 5 10
RLsource 3 7 12
Mmed 16 6 8 8 MmedMOD
Mstro 16 6 8 8 MstroMOD
Mweak 16 21 8 8 MweakMOD
Rbreak 17 18 RbreakMOD 1
Rdrain 50 16 RdrainMOD 1.35e-3
Rgate 9 20 3.6
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
Rsource 8 7 RsourceMOD 6e-3
Rvthres 22 8 RvthresMOD 1
Rvtemp 18 19 RvtempMOD 1
S1a 6 12 13 8 S1AMOD
S1b 13 12 13 8 S1BMOD
S2a 6 15 14 13 S2AMOD
S2b 13 15 14 13 S2BMOD
Vbat 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*250),7))}
.MODEL DbodyMOD D (IS=2E-11 N=1.06 RS=3.3e-3 TRS1=2.4e-3 TRS2=1.1e-6
+ CJO=1.25e-9 M=5.3e-1 TT=4.2e-8 XTI=3.9)
.MODEL DbreakMOD D (RS=2.7e-1 TRS1=1e-3 TRS2=-8.9e-6)
.MODEL DplcapMOD D (CJO=4.7e-10 IS=1e-30 N=10 M=0.44)
.MODEL MmedMOD NMOS (VTO=3.5 KP=5.5 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=3.6)
.MODEL MstroMOD NMOS (VTO=4.25 KP=80 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL MweakMOD NMOS (VTO=2.92 KP=0.03 IS=1e-30 N=10 TOX=1 L=1u W=1u RG=36 RS=0.1)
.MODEL RbreakMOD RES (TC1=9e-4 TC2=5e-7)
.MODEL RdrainMOD RES (TC1=2.5e-2 TC2=7.8e-5)
.MODEL RSLCMOD RES (TC1=1e-3 TC2=3.5e-5)
.MODEL RsourceMOD RES (TC1=1e-3 TC2=1e-6)
.MODEL RvthresMOD RES (TC1=-5.3e-3 TC2=-1.3e-5)
.MODEL RvtempMOD RES (TC1=-2.6e-3 TC2=1.3e-6)
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-8 VOFF=-5)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-5 VOFF=-8)
.MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2 VOFF=-1.5)
.MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-1.5 VOFF=-2)
.ENDS
Note: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank
Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
©2012 Fairchild Semiconductor Corporation
FDD10AN06A0_F085 Rev. C1


Similar Part No. - FDD10AN06_F085_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
More results

Similar Description - FDD10AN06_F085_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD10AN06A0 FAIRCHILD-FDD10AN06A0 Datasheet
236Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m?
FDD10AN06A0_F085 FAIRCHILD-FDD10AN06A0_F085 Datasheet
390Kb / 11P
   N-Channel PowerTrench MOSFET 60V, 50A, 10.5m
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com