Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEA01W-00-1MA Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PEA01W-00-1MA
Description  CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEA01W-00-1MA Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PEA01W-00-1MA Datasheet HTML 1Page - PowerDynamics, Inc PEA01W-00-1MA Datasheet HTML 2Page - PowerDynamics, Inc PEA01W-00-1MA Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PEA Series Attenuation Tables
Medical Applications
Non-Medical Applications
Attenuation
Code
A
B
C
D
E
F
G
H
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
Current
Rating
Current
Rating
1A
34 41 43 43 43 33
2 18 30 62 61 22
2A
24 31 38 52 53 41
6 51 73 68 58 29
3A
21 28 33 47 51 46
15 55 75 65 52 21
5A
22 33 38 50 54 46
3 51 73 71 57 26
6A
12 18 22 38 50 37
4 47 68 56 44 26
10A
19 30 34 47 52 43
0 49 71 65 52 24
1A
34 41 43 44 47 43
18 53 70 65 46 31
2A
24 32 38 52 54 42
3 36 55 72 59 30
3A
21 29 33 47 52 47
0 40 58 69 54 22
5A
22 33 38 51 58 43
8 36 56 74 59 27
6A
15 20 25 42 54 37
10 32 53 63 51 30
10A
19 30 34 47 52 43
5 33 53 68 54 24
15A
14 22 26 43 52 39
8 26 48 61 49 26
1A
47 47 43 43 53 41
34 68 85 62 41 22
2A
34 42 43 45 49 41
33 67 84 66 45 30
3A
34 41 42 43 47 32
31 66 80 65 43 30
5A
27 34 39 50 52 51
23 60 78 70 52 13
6A
21 29 33 47 51 45
14 54 74 66 52 20
10A
19 30 34 47 53 43
1 49 70 65 52 23
15A
14 22 26 42 50 28
10 43 65 59 48 25
20A
17 25 30 46 55 43
14 46 68 63 52 29
30A
11 19 24 38 49 39
13 14 37 56 45 32
1A
45 48 43 43 49 42
19 53 71 62 41 23
2A
35 42 44 44 48 42
18 53 69 66 45 31
3A
33 41 43 43 45 32
15 50 67 65 43 31
5A
27 34 39 50 53 47
4 44 62 71 53 13
6A
21 29 33 47 51 44
0 39 58 67 52 20
10A
19 30 34 47 53 43
5 34 53 66 52 24
15A
14 22 26 42 51 39
8 26 47 62 49 26
20A
17 25 30 46 54 44
11 29 51 67 54 31
30A
11 18 24 39 49 40
13 14 37 55 45 29
10A
15 19 22 40 49 42
1 9 18 62 61 29
20A
19 23 27 42 48 43
1 8 15 65 57 27
30A
11 17 22 35 42 38
2 8 14 35 55 28
10A
16 20 31 43 53 43
8 19 29 63 57 29
20A
19 24 30 45 53 44
8 18 25 60 58 28
30A
11 18 24 40 50 36
8 18 24 53 51 28
10A
30 36 42 53 54 51
17 57 77 70 56 23
15A
26 33 38 52 56 48
23 60 83 72 57 21
20A
24 31 36 51 57 48
17 57 78 69 55 21
30A
21 27 33 48 53 43
14 56 78 68 55 25
10A
30 37 42 53 55 52
7 47 66 74 56 15
15A
28 33 38 52 55 47
2 45 64 73 57 23
20A
24 31 36 51 56 47
3 41 61 71 56 22
30A
21 27 33 49 56 44
4 41 60 70 56 27
1A
38 42 40 27 19 22
37 70 89 72 52 36
2A
26 31 33 32 28 17
17 57 78 74 62 26
3A
25 30 31 31 28 18
15 56 76 74 60 28
5A
21 26 27 28 28 20
7 51 74 71 60 32
6A
15 18 19 21 20 17
9 49 70 63 52 32
10A
21 26 27 28 26 19
6 51 74 71 60 31
1A
38 41 40 37 22 25
21 55 73 73 52 36
2A
26 31 33 32 28 17
4 42 62 76 63 28
3A
25 60 31 31 28 18
5 40 59 74 61 28
5A
21 26 27 28 27 20
10 33 55 70 58 31
6A
15 18 19 21 20 17
10 33 54 63 51 31
10A
21 26 27 28 26 19
10 34 55 73 60 31
15A
18 22 24 25 23 18
11 29 51 69 56 32
1A
48 47 40 25 17 16
37 70 86 73 50 24
2A
38 42 41 27 20 23
37 70 86 73 52 37
3A
36 41 39 25 18 18
34 68 82 73 48 37
5A
30 34 36 32 26 14
27 63 81 77 61 17
6A
24 29 30 30 27 17
17 57 78 74 59 27
10A
21 26 27 28 28 19
8 51 74 71 60 32
15A
18 22 24 25 23 20
14 46 68 68 56 32
20A
15 18 19 21 20 17
9 50 71 64 52 33
30A
13 19 22 22 20 16
12 36 60 58 50 31
1A
48 47 40 25 17 16
21 55 72 72 50 25
2A
38 42 41 27 20 23
21 55 73 72 51 34
3A
36 41 38 25 18 18
18 53 73 71 50 38
5A
30 34 36 32 26 14
6 47 65 75 60 17
6A
30 34 36 32 27 17
4 41 61 73 57 22
10A
21 26 27 28 27 20
10 34 54 72 60 31
15A
18 22 24 25 23 20
11 28 50 70 57 32
20A
15 18 19 21 20 17
10 33 54 63 51 32
30A
12 19 22 22 20 16
12 8 41 61 51 31
10A
16 19 19 23 23 18
11 55 75 65 55 30
20A
18 22 24 25 23 18
14 46 65 67 55 31
30A
13 19 22 22 20 16
18 36 60 60 51 32
10A
16 19 19 23 23 18
7 39 59 66 55 31
20A
18 22 24 25 23 18
11 28 50 70 57 32
30A
13 19 22 22 20 16
12 7 41 62 52 31
10A
30 34 35 32 27 14
27 62 82 76 59 19
15A
27 31 32 31 28 16
23 60 81 75 60 24
20A
23 26 27 28 26 17
17 57 78 72 59 27
30A
16 20 22 24 25 21
15 44 64 63 54 34
10A
30 34 35 32 27 14
6 47 66 78 60 19
15A
27 31 32 31 28 16
2 44 64 75 60 24
20A
23 26 27 28 26 17
4 41 61 72 59 27
30A
16 20 22 24 25 21
11 26 48 67 57 36
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
Attenuation
Code
M0
M1
M2
M3
M4
M5
M6
M7
Insertion loss in dB (50 Ohm circuit)
Insertion loss in dB (50 Ohm circuit)
35
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEA01W-00-1MA

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0505ZLF PEAK-PEA1-0505ZLF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0509ELF PEAK-PEA1-0509ELF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0509ZLF PEAK-PEA1-0509ZLF Datasheet
149Kb / 3P
   Single and Dual Output
PEA1-0512ELF PEAK-PEA1-0512ELF Datasheet
149Kb / 3P
   Single and Dual Output
More results

Similar Description - PEA01W-00-1MA

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com