Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM10Q-1-AC2 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PEM10Q-1-AC2
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEM10Q-1-AC2 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PEM10Q-1-AC2 Datasheet HTML 1Page - PowerDynamics, Inc PEM10Q-1-AC2 Datasheet HTML 2Page - PowerDynamics, Inc PEM10Q-1-AC2 Datasheet HTML 3Page - PowerDynamics, Inc PEM10Q-1-AC2 Datasheet HTML 4Page - PowerDynamics, Inc PEM10Q-1-AC2 Datasheet HTML 5Page - PowerDynamics, Inc PEM10Q-1-AC2 Datasheet HTML 6Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications subject to change without notice. Dimensions (mm).
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PEM Series
MECHANICAL DIMENSIONS
FEATURES
The PEM series offers wide variety of high performance
EMI filters in numerous packages. This series offers a variety
of circuit types with multiple stages of filtration over a
frequency range of 10KHz to 30MHz. These filters offer
exceptional performance at higher frequencies.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 1A, 2A, 3A, 4A, 5A, 6A, 10A, 15A, 20A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
* Medical application
(Unit: mm)
C
B
2x
4.8
L
N
L'
N'
A
D
E
G
F
CASE
A
B
C
DE
51.5
F
48.3 29.2
65.5 52.8 38.6
100 86.4 38.6
70.4
84.8
119.8
60.5
74.7
110.7
20
28.6
28.4
C3
C2
C1
DIMENSIONS
CODE
39
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEM10Q-1-AC2

ManufacturerPart #DatasheetDescription
logo
CUI INC
PEM1-S CUI-PEM1-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
PEM1-S CUI-PEM1-S Datasheet
1Mb / 7P
   DC-DC CONVERTER
07/07/2021
PEM1-S12-D12-S CUI-PEM1-S12-D12-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
PEM1-S12-D12-S CUI-PEM1-S12-D12-S Datasheet
1Mb / 7P
   DC-DC CONVERTER
07/07/2021
PEM1-S12-D15-S CUI-PEM1-S12-D15-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - PEM10Q-1-AC2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com