Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEM10Q-1M-AC2 Datasheet(PDF) 5 Page - PowerDynamics, Inc

Part # PEM10Q-1M-AC2
Description  CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PEM10Q-1M-AC2 Datasheet(HTML) 5 Page - PowerDynamics, Inc

  PEM10Q-1M-AC2 Datasheet HTML 1Page - PowerDynamics, Inc PEM10Q-1M-AC2 Datasheet HTML 2Page - PowerDynamics, Inc PEM10Q-1M-AC2 Datasheet HTML 3Page - PowerDynamics, Inc PEM10Q-1M-AC2 Datasheet HTML 4Page - PowerDynamics, Inc PEM10Q-1M-AC2 Datasheet HTML 5Page - PowerDynamics, Inc PEM10Q-1M-AC2 Datasheet HTML 6Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SCHEMATIC 6; CASE C3
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
Medical Applications
Insertion loss in dB (50 Ohm circuit)
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
27 50 64 69 61 43
9 70 95 65 50 25
R
Cx 1 Cx 2 Cy 1 Cy 2
L1
L2
(Ohms) (uF) (uF) (pF) (pF) (mH x 2)(mH x 2)
2.2M 0.68 0.47 4700 2200
0.8
2.8
PDI
P/N
PEM06Q-6-EC3
R
Cx 1
Cx 2
L1
L2
(Ohms)
(uF)
(uF)
(mH x 2) (mH x 2)
2.2M
0.68
0.47
0.8
2.8
PDI
P/N
PEM06Q-6M-EC3
PDI
P/N
PEM06Q-6M-EC3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
28 32 34 33 31 24 46 82 96 74 61 33
SCHEMATIC 6M; CASE C3
PDI
P/N
PEM06Q-6-EC3
L mH
L mH
L
L'
N'
C2
C1
G
L mH
L mH
L
N
L
R
Cy1
Cy1
Cy 2
Cy 2
L mH
L mH
L
C 2
C1
G
L mH
L mH
L
N
L
R
L'
N'
Component Table
Medical Applications
Component Table
Non-Medical Applications
PEM Series
Insertion loss in dB (50 Ohm circuit)
Medical Applications
Non-Medical Applications
Insertion loss in dB (50 Ohm circuit)
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
22 30 36 52 52 35 21 62 87 69 58 35
R
R1 Cx 1 Cx 2 Cy 1, 2
L1
L2
(Ohms) (Ohms) (uF) (uF)
(pF) (uHx2) (mHx2)
330K
330 0.47 0.22 4700
30
0.9
PDI
P/N
PEM20Q-7-FC3
R
R1
Cx 1 Cx 2
L1
L2
(Ohms) (Ohms) (uF)
(uF) (uH x 2) (mH x 2)
330K
330
0.47
0.22
30
0.9
PDI
P/N
PEM20Q-7M-FC3
PDI
P/N
PEM20Q-7M-FC3
Comm.Mode(L-G) MHz
Diff. mode(L-L) MHz
.15 .5 1
5 10 30 .15 .5 1
5 10 30
22 28 30 31 29 24 16 59 81 73 62 37
PDI
P/N
PEM20Q-7-FC3
L mH
L mH
L2
C1
G
L uH
L uH
L
N
R
L1
C2
L'
N'
Cy
Cy
R1
R1
SCHEMATIC 7; CASE C3
L mH
L mH
L2
C1
G
L uH
L uH
L
N
R
L1
R1
R1
C 2
L'
N'
SCHEMATIC 7M; CASE C3
Component Table
Medical Applications
Component Table
Non-Medical Applications
Replace “Q” with PS for screw terminals
Replace “Q” with PS for screw terminals
Current
Rating (A)
6
Current
Rating (A)
6
Current
Rating (A)
20
Current
Rating (A)
20
43
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PEM10Q-1M-AC2

ManufacturerPart #DatasheetDescription
logo
CUI INC
PEM1-S CUI-PEM1-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
PEM1-S CUI-PEM1-S Datasheet
1Mb / 7P
   DC-DC CONVERTER
07/07/2021
PEM1-S12-D12-S CUI-PEM1-S12-D12-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
PEM1-S12-D12-S CUI-PEM1-S12-D12-S Datasheet
1Mb / 7P
   DC-DC CONVERTER
07/07/2021
PEM1-S12-D15-S CUI-PEM1-S12-D15-S Datasheet
548Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - PEM10Q-1M-AC2

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com