Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8541ART-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8541ART-REEL
Description  General Purpose CMOS Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541ART-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8541ART-REEL Datasheet HTML 2Page - Analog Devices AD8541ART-REEL Datasheet HTML 3Page - Analog Devices AD8541ART-REEL Datasheet HTML 4Page - Analog Devices AD8541ART-REEL Datasheet HTML 5Page - Analog Devices AD8541ART-REEL Datasheet HTML 6Page - Analog Devices AD8541ART-REEL Datasheet HTML 7Page - Analog Devices AD8541ART-REEL Datasheet HTML 8Page - Analog Devices AD8541ART-REEL Datasheet HTML 9Page - Analog Devices AD8541ART-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8541/AD8542/AD8544
–6–
REV. D
COMMON-MODE VOLTAGE – V
0.5
0.5
5.5
1.5
2.5
3.5
4.5
9
8
0
4
3
2
1
7
5
6
VS = 2.7V AND 5V
VCM = VS/2
TPC 3. Input Bias Current vs.
Common-Mode Voltage
FREQUENCY – Hz
100
1k
10M
10k
100k
1M
160
140
40
120
100
80
60
40
20
0
20
VS = 2.7V
TA = 25 C
+PSRR
PSRR
TPC 6. Power Supply Rejection
Ratio vs. Frequency
CAPACITANCE – pF
60
0
10
100
10k
1k
30
20
10
40
VS = 2.7V
RL =
TA = 25 C
50
+OS
OS
TPC 9. Small Signal Overshoot vs.
Load Capacitance
INPUT OFFSET VOLTAGE – mV
4.5
3.5
4.5
2.5
1.5
0.5
1.5
2.5
3.5
0.5
180
160
0
80
60
40
20
140
100
120
VS = 5V
VCM = 2.5V
TA = 25 C
TPC 1. Input Offset Voltage
Distribution
TEMPERATURE – C
400
0
40
20
140
020
40
80
100 120
60
350
200
150
100
50
300
250
VS = 2.7V AND 5V
VCM = VS/2
TPC 4. Input Bias Current vs.
Temperature
LOAD CURRENT – mA
10k
100
0.01
0.001
0.01
100
0.1
1
10
1
SINK
0.1
10
VS = 2.7V
TA = 25 C
1k
SOURCE
TPC 7. Output Voltage to Supply
Rail vs. Load Current
TEMPERATURE – C
1.0
2.5
4.0
55
35
15
525 45
65
85 105 125
0.5
2.0
3.0
3.5
1.0
1.5
0.0
0.5
VS = 2.7V AND 5V
VCM = VS/2
145
TPC 2. Input Offset Voltage
vs. Temperature
TEMPERATURE – C
7
1
55
35
145
15
25
85 105 125
65
6
3
2
1
0
5
4
VS = 2.7V AND 5V
VCM = VS/2
545
TPC 5. Input Offset Current vs.
Temperature
FREQUENCY – Hz
3.0
2.5
0
1k
10k
10M
100k
1M
2.0
1.5
0.5
1.0
VS = 2.7V
VIN = 2.5V p-p
RL = 2k
TA = 25 C
TPC 8. Closed-Loop Output
Voltage Swing vs. Frequency
–Typical Performance Characteristics


Similar Part No. - AD8541ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541ART-REEL AD-AD8541ART-REEL Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541ART-REEL AD-AD8541ART-REEL Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541ART-REEL7 AD-AD8541ART-REEL7 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
More results

Similar Description - AD8541ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
   CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
   General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
TECH PUBLIC Electronics...
LMV358IDR TECHPUBLIC-LMV358IDR Datasheet
1Mb / 6P
   CMOS,RAilto Rail General-Purpose Amplifiers
2018.1.15
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com