Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8541ART-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8541ART-REEL
Description  General Purpose CMOS Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8541ART-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8541ART-REEL Datasheet HTML 6Page - Analog Devices AD8541ART-REEL Datasheet HTML 7Page - Analog Devices AD8541ART-REEL Datasheet HTML 8Page - Analog Devices AD8541ART-REEL Datasheet HTML 9Page - Analog Devices AD8541ART-REEL Datasheet HTML 10Page - Analog Devices AD8541ART-REEL Datasheet HTML 11Page - Analog Devices AD8541ART-REEL Datasheet HTML 12Page - Analog Devices AD8541ART-REEL Datasheet HTML 13Page - Analog Devices AD8541ART-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8541/AD8542/AD8544
–10–
REV. D
much easier and/or less expensive to accomplish in the FNDR
circuit. For example, the Twin-T notch uses three capacitors
with two unique values, whereas the FNDR circuit uses only two
capacitors, which may be of the same value. U3 is simply a buffer
that is added to lower the output impedance of the circuit.
4
f =
R2C2
L =
C2
1 F
1/4 AD8544
11
6
1/4 AD8544
1/4 AD8544
10
8
9
C1
1 F
1
2
p LC1
R
2.61k
R1
Q ADJUST
200
VOUT
2.5VREF
2
1
3
1/4 AD8544
R
2.61k
12
14
13
NC
2.5VREF
SPARE
5
7
R
2.61k
R
2.61k
2.5VREF
U3
U2
U1
U4
Figure 3. FNDR 60 Hz Notch Filter with Output Buffer
Comparator Function
A comparator function is a common application for a spare op
amp in a quad package. Figure 4 illustrates 1/4 of the AD8544
as a comparator in a standard overload detection application.
Unlike many op amps, the AD854x family can double as
comparators because this op amp family has rail-to-rail differential
input range, rail-to-rail output, and a great speed versus power
ratio. R2 is used to introduce hysteresis. The AD854x, when
used as comparators, have 5
ms propagation delay at 5 V and 5 ms
overload recovery time.
R1
1k
VOUT
2.5VREF
VIN
1/4 AD8544
2.5VDC
R2
1M
Figure 4. AD854x Comparator Application–Overload Detector
Photodiode Application
The AD854x family has very high impedance with input bias
current typically around 4 pA. This characteristic allows the
AD854x op amps to be used in photodiode applications and
other applications that require high input impedance. Note that
the AD854x has significant voltage offset, which can be removed
by capacitive coupling or software calibration.
Figure 5 illustrates a photodiode or current measurement
application. The feedback resistor is limited to 10 M
W to avoid
excessive output offset. Also, note that a resistor is not needed
on the noninverting input to cancel bias current offset because
the bias current related output offset is not significant when
compared to the voltage offset contribution. For the best
performance follow the standard high impedance layout
techniques including:
∑ Shield the circuit.
∑ Clean the circuit board.
∑ Put a trace connected to the noninverting input around the
inverting input.
∑ Use separate analog and digital power supplies.
AD8541
4
6
7
3
2
VOUT
2.5VREF
R
10M
C
100pF
D
2.5VREF
OR
V+
Figure 5. High Input Impedance Application–Photodiode
Amplifier


Similar Part No. - AD8541ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541ART-REEL AD-AD8541ART-REEL Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541ART-REEL AD-AD8541ART-REEL Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541ART-REEL7 AD-AD8541ART-REEL7 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
More results

Similar Description - AD8541ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
   General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
   CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
   CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
logo
Exar Corporation
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
   General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
   General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
logo
TECH PUBLIC Electronics...
LMV358IDR TECHPUBLIC-LMV358IDR Datasheet
1Mb / 6P
   CMOS,RAilto Rail General-Purpose Amplifiers
2018.1.15
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com