Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PK01PS-00-1MA Datasheet(PDF) 2 Page - PowerDynamics, Inc

Part # PK01PS-00-1MA
Description  CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PK01PS-00-1MA Datasheet(HTML) 2 Page - PowerDynamics, Inc

  PK01PS-00-1MA Datasheet HTML 1Page - PowerDynamics, Inc PK01PS-00-1MA Datasheet HTML 2Page - PowerDynamics, Inc PK01PS-00-1MA Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCHEMATICS
PK Series Example & Ordering Code
CURRENT RATING (A):
TERMINAL:
= Q
= PS
= W
PK
COMPONENT LOCATIONS:
QUICK CONNECT
SCREW
WIRE
-
6.3/0.25
UL 1015, 18AWG
STRANDED, 4”
01 Q
1
C
ATTENUATION CODE TABLE:
* Contact PDI

Contact PDI for attenuation numbers

Q or PS option only
= 01
= 02
= 03
= 05
= 06
= 10
= 15
= 20
= 30
= 1
= 2
= 3
= 1M
= 2M
STANDARD TYPE
WITHOUT C(X); C(Y) ONLY
C(X); C(Y) BEHIND L
WITHOUT C(Y); C(X) ONLY
WITHOUT C(Y); C(X) BEHIND L
2.0 -3.6L
8.6
15.7
M4-19.5
Medical applications: Select the Attenuation Code with corresponding component values and case code.
Case Cap. Cx
Inductance Per Current Rating (mH)
Code
(µF)
1A
2A
3A
5A
6A
10A
15A
20A
30A
A1
0.033
10.0
2.5
1.2
1.0
0.8
0.3
*
*
*
A1
0.1
10.0
2.5
1.2
1.0
0.8
0.3
*
*
*
A2
0.033
15.0
2.5
2.0
1.2
0.8
1.0
0.8
0.6
*
A2
0.1
15.0
2.5
2.0
1.2
0.8
1.0
0.8
0.6
*
A3
0.033
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
A3
0.1
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
B1
0.033
*
*
*
*
*
1.5
*
0.9
0.3
B1
0.1
*
*
*
*
*
1.5
*
0.9
0.3
G1
0.033
*
*
*
*
*
4.0
3.0
2.0
1.5
G1
0.1
*
*
*
*
*
4.0
3.0
2.0
1.5
G1
*
*
*
*
*
*
*
*
*
0.5
Non-Medical applications: Select the Attenuation Code with corresponding component values and case code.
Case Cap. Cx Cap. Cy
Inductance Per Current Rating (mH)
Code
(µF)
(pF)
1A
2A
3A
5A
6A
10A
15A
20A
30A
A1
0.033
2200
10.0
2.5
1.2
1.0
0.8
0.3
*
*
*
A1
0.1
3300
10.0
2.5
1.2
1.0
0.8
0.3
*
*
*
A2
0.033
2200
15.0
2.5
2.0
1.2
0.8
1.0
0.8
0.6
*
A2
0.1
3300
15.0
2.5
2.0
1.2
0.8
1.0
0.8
0.6
*
A3
0.033
2200
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
A3
0.1
3300
20.0
10.0
8.0
4.0
2.0
1.2
0.9
0.7
0.3
B1
0.033
2200
*
*
*
*
*
1.5
*
0.9
0.3
B1
0.1
3300
*
*
*
*
*
1.5
*
0.9
0.3
G1
0.033
2200
*
*
*
*
*
4.0
3.0
2.0
*
G1
0.1
3300
*
*
*
*
*
4.0
3.0
2.0
*
G1
0.1
4700
*
*
*
*
*
*
*
*
0.5
= A
= B
= C
= D
= E
= F
= G
= H
= I
= J
= K
= M0
= M1
= M2
= M3
= M4
= M5
= M6
= M7
= M8
= M9
= M10
CX
G
L mH
L mH
Cy
L
N
L
L'
N'
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
Cy
R
G
L mH
L mH
Cy
L
N
L
L'
N'
Cy
R
CX
CX
G
L mH
L mH
L
N
L
L'
N'
Lg
R
G
L mH
L mH
L
N
L
L'
N'
Lg
R
CX
MEDICAL
SCHEMATICS
1M
2M
1
2
3
OPTIONS:
= 00
= 50
-
NO BLEEDER RESISTOR
BLEEDER RESISTOR (1 W, 1M)
50
37
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PK01PS-00-1MA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PK007-015 VISHAY-PK007-015 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
PK007-015 VISHAY-PK007-015 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
logo
Teledyne Technologies I...
PK007-018 TELEDYNE-PK007-018 Datasheet
179Kb / 1P
   Passive Probe Accessories for PP007 and PP008 Series DEVICE UNDER TEST
PK007-024 TELEDYNE-PK007-024 Datasheet
179Kb / 1P
   Passive Probe Accessories for PP007 and PP008 Series
logo
ECM Electronics Limited...
PK0406 ECM-PK0406 Datasheet
150Kb / 7P
   Radial Leaded Inductors
More results

Similar Description - PK01PS-00-1MA

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com