Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1048 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPF1048
Description  IntelliMAX??3 A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1048 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPF1048_13 Datasheet HTML 1Page - Fairchild Semiconductor FPF1048_13 Datasheet HTML 2Page - Fairchild Semiconductor FPF1048_13 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1048 • Rev. 1.0.4
11
Physical Dimensions
Figure 29.
6-Ball WLCSP, 2x3 Array, 0.5 mm Pitch, 300 µm Ball
Product-Specific Dimensions
Product
D
E
X
Y
FPF1048BUCX
1460 µm ±30 µm
960 µm ±30 µm
230 µm
230 µm
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
BOTTOM VIEW
SIDE VIEWS
RECOMMENDED LAND PATTERN
BALL A1
INDEX AREA
SEATING PLANE
A1
F
(NSMD PAD TYPE)
(Ø0.350)
SOLDER MASK
OPENING
(X) ±0.018
(Y) ±0.018
(Ø0.250)
Cu Pad
0.06 C
0.05 C
E
D
F
NOTES:
A. NO JEDEC REGISTRATION APPLIES.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCE
PER ASMEY14.5M, 1994.
D. DATUM C IS DEFINED BY THE SPHERICAL
CROWNS OF THE BALLS.
E. PACKAGE NOMINAL HEIGHT IS 582 MICRONS
±43 MICRONS (539-625 MICRONS).
F. FOR DIMENSIONS D, E, X, AND Y SEE
PRODUCT DATASHEET.
G. DRAWING FILNAME: MKT-UC006AFrev2.
0.03 C
2X
0.03 C
2X
Ø0.315 +/- .025
6X
1 2
A
B
C
0.332±0.018
0.250±0.025
D
E
(1.00)
(0.50)
0.005
CA B
0.50
0.50
1.00
0.625
0.539
TOP VIEW
B
A
C


Similar Part No. - FPF1048_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
ON Semiconductor
FPF1048BUCX ONSEMI-FPF1048BUCX Datasheet
707Kb / 14P
   3 A-Capable, Slew-Rate-Controlled Load Switch
April 2015 Rev. 1.8
More results

Similar Description - FPF1048_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1048 FAIRCHILD-FPF1048 Datasheet
1Mb / 3P
   IntelliMAX??3A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Anpec Electronics Corop...
APL3222 ANPEC-APL3222 Datasheet
195Kb / 14P
   3.5A-Capable, Slew-Rate-Controlled Load Switch with True Reverse Current Blocking
logo
Global Mixed-mode Techn...
G5197 GMT-G5197 Datasheet
75Kb / 1P
   3A Capable Slew Rate Controlled Load Switch With True Reverse Current Blocking.
logo
ON Semiconductor
FPF1048 ONSEMI-FPF1048 Datasheet
707Kb / 14P
   3 A-Capable, Slew-Rate-Controlled Load Switch
April 2015 Rev. 1.8
logo
Kinetic Technologies.
KTS1601-1 KINETIC-KTS1601-1 Datasheet
495Kb / 11P
   2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1601 KINETIC-KTS1601 Datasheet
465Kb / 11P
   2.0A Slew Rate Controlled Load Switch with Reverse Blocking
April 2019 - Revision 04b
KTS1605 KINETIC-KTS1605 Datasheet
506Kb / 11P
   5A Slew Rate Controlled Load Switch with Reverse Blocking
August 2020 - Revision 04e
logo
Fairchild Semiconductor
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
Toshiba Semiconductor
TCK2291XG TOSHIBA-TCK2291XG Datasheet
701Kb / 15P
   2A Load Switch IC with True Reverse Current Blocking
2021-02-24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com