Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP04L6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SP04L6X
Description  NC7SP04 ??TinyLogic짰 ULP Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP04L6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SP04L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7SP04L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SP04 • Rev. 1.0.5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
4.6
V
VIN
DC Input Voltage
-0.5
4.6
V
VOUT
DC Output Voltage
HIGH or LOW State
(4)
-0.5
VCC to +0.5
V
VCC=0V
-0.5
4.6
V
IIK
DC Input Diode Current at VIN < 0V
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
VOUT > VCC
+50
IOH / IOL
DC Output Source/Sink Current
±50
mA
ICC or Ground DC VCC or Ground Current per Supply Pin
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Power Dissipation at +85°C
SC70-5
150
mW
MicroPak™-6
130
MicroPak2™-6
120
ESD
Human Body Model
JEDEC: JESD22-A114
4000
V
Charged Device Model
JEDEC: JESD22-C101
2000
Note:
4.
The IO maximum rating must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage
0.9
3.6
V
VIN
Input Voltage
(5)
0
3.6
V
VOUT
Output Voltage
HIGH or LOW State
0
VCC
V
VCC=0V
0
3.6
IOH / IOL
Output Current in IOH / IOL
VCC=3.0V to 3.6V
±2.6
mA
VCC=2.3V to 2.7V
±2.1
VCC=1.65V to 1.95V
±1.5
VCC=1.40V to 1.60V
±1.0
VCC=1.10V to 1.30V
±0.5
VCC=0.9V
20.0
µA
TA
Free Air Operating Temperature
-40
+85
°C
Δt / ΔV
Minimum Input Edge Rate
VIN=0.8V to 2.0V, VCC=3.0V
10
ns/V
θJA
Thermal Resistance
SC70-5
425
°C/W
MicroPak™-6
500
MicroPak2™-6
560
Note:
5.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - NC7SP04L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP04L6X FAIRCHILD-NC7SP04L6X Datasheet
306Kb / 9P
   TinyLogic ULP Inverter
NC7SP04L6X FAIRCHILD-NC7SP04L6X Datasheet
296Kb / 9P
   TinyLogic ULP Inverter
logo
ON Semiconductor
NC7SP04L6X ONSEMI-NC7SP04L6X Datasheet
635Kb / 11P
   ULP Inverter
December 2010 Rev. 1.0.5
NC7SP04L6X ONSEMI-NC7SP04L6X Datasheet
351Kb / 11P
   TinyLogic ULP-A Inverter
February, 2021 ??Rev. 3
More results

Similar Description - NC7SP04L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV04 FAIRCHILD-NC7SV04_10 Datasheet
563Kb / 11P
   TinyLogic짰 ULP-A Inverter
NC7SV05 FAIRCHILD-NC7SV05_11 Datasheet
531Kb / 10P
   TinyLogic짰 ULP-A Inverter (Open-Drain Output)
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
logo
ON Semiconductor
NC7SP04 ONSEMI-NC7SP04 Datasheet
635Kb / 11P
   ULP Inverter
December 2010 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SV32 FAIRCHILD-NC7SV32_10 Datasheet
579Kb / 11P
   TinyLogic짰 ULP-A 2-Input OR Gate
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SVL04 FAIRCHILD-NC7SVL04 Datasheet
573Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
NC7SV08 FAIRCHILD-NC7SV08_12 Datasheet
610Kb / 11P
   TinyLogic짰 ULP-A 2-Input AND Gate
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
NC7SVL04 FAIRCHILD-NC7SVL04_10 Datasheet
581Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com