Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP04FHX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # NC7SP04FHX
Description  NC7SP04 ??TinyLogic짰 ULP Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SP04FHX Datasheet(HTML) 7 Page - Fairchild Semiconductor

  NC7SP04FHX Datasheet HTML 1Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 2Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 3Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 4Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 5Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 6Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 7Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 8Page - Fairchild Semiconductor NC7SP04FHX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SP04 • Rev. 1.0.5
Physical Dimensions
2. DIMENSIONS ARE IN MILLIMETERS
1. CONFORMS TO JEDEC STANDARD M0-252 VARIATION UAAD
4. FILENAME AND REVISION: MAC06AREV4
Notes:
3. DRAWING CONFORMS TO ASME Y14.5M-1994
TOP VIEW
RECOMMENED
LAND PATTERN
BOTTOM VIEW
1.45
1.00
A
B
0.05 C
0.05 C
2X
2X
0.55MAX
0.05 C
(0.49)
(1)
(0.75)
(0.52)
(0.30)
6X
1X
6X
PIN 1
DETAIL A
0.075 X 45
CHAMFER
0.25
0.15
0.35
0.25
0.40
0.30
0.5
(0.05)
1.0
5X
DETAIL A
PIN 1 TERMINAL
0.40
0.30
0.45
0.35
0.10
0.00
0.10
CB A
0.05
C
C
0.05 C
0.05
0.00
5X
5X
6X
(0.13)
4X
6X
PIN 1 IDENTIFIER
(0.254)
5. PIN ONE IDENTIFIER IS 2X LENGTH OF ANY
5
OTHER LINE IN THE MARK CODE LAYOUT.
Figure 8. 6-Lead, MicroPak™, 1.0mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
L6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7SP04FHX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SP04FHX ONSEMI-NC7SP04FHX Datasheet
635Kb / 11P
   ULP Inverter
December 2010 Rev. 1.0.5
NC7SP04FHX ONSEMI-NC7SP04FHX Datasheet
351Kb / 11P
   TinyLogic ULP-A Inverter
February, 2021 ??Rev. 3
More results

Similar Description - NC7SP04FHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV04 FAIRCHILD-NC7SV04_10 Datasheet
563Kb / 11P
   TinyLogic짰 ULP-A Inverter
NC7SV05 FAIRCHILD-NC7SV05_11 Datasheet
531Kb / 10P
   TinyLogic짰 ULP-A Inverter (Open-Drain Output)
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
logo
ON Semiconductor
NC7SP04 ONSEMI-NC7SP04 Datasheet
635Kb / 11P
   ULP Inverter
December 2010 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SV32 FAIRCHILD-NC7SV32_10 Datasheet
579Kb / 11P
   TinyLogic짰 ULP-A 2-Input OR Gate
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7SVL04 FAIRCHILD-NC7SVL04 Datasheet
573Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
NC7SV08 FAIRCHILD-NC7SV08_12 Datasheet
610Kb / 11P
   TinyLogic짰 ULP-A 2-Input AND Gate
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
NC7SVL04 FAIRCHILD-NC7SVL04_10 Datasheet
581Kb / 10P
   TinyLogic짰 Low-ICCT Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com