Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5340B Datasheet(PDF) 2 Page - Kwang Myoung I.S. CO.,LTD

Part # 1N5340B
Description  5 Watt Zener Diode 5.1 to 200 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

1N5340B Datasheet(HTML) 2 Page - Kwang Myoung I.S. CO.,LTD

  1N5340B Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD 1N5340B Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD 1N5340B Datasheet HTML 3Page - Kwang Myoung I.S. CO.,LTD 1N5340B Datasheet HTML 4Page - Kwang Myoung I.S. CO.,LTD 1N5340B Datasheet HTML 5Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5338B THRU 1N5388B
ELECTRICAL CHARACTERISTICS (TA=25
unless otherwise noted, VF=1.2 Max @ IF=1A for all types)
NOTE:
1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of+/-10% with
guaranteed limits on only Vz, IR, Ir, and VF as shown in the electrical characteristics table. Units with guaranteed limits
on all seven parameters are indicated by suffix “B” for+/-5% tolerance.
2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT &ZZK) - Test conditions for Zener voltage and impedance are as
follows; Iz is applied 40+/-10 ms prior to reading. Mounting contacts are located from the inside edge of mounting
clips to the body of the diode(Ta=25
oC)
C
7
0.15
KI SEMICONDUCTOR


Similar Part No. - 1N5340B

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
1N5340B ANOVA-1N5340B Datasheet
255Kb / 3P
   Axial Lead Zener Diodes
logo
Motorola, Inc
1N5340B MOTOROLA-1N5340B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
SEMTECH ELECTRONICS LTD...
1N5340B SEMTECH_ELEC-1N5340B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Digitron Semiconductors
1N5340B DIGITRON-1N5340B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Anova Technologies CO.,...
1N5340B ANOVA-1N5340B Datasheet
242Kb / 3P
   Axial Lead Zener Diodes
More results

Similar Description - 1N5340B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
SMBJ5353B-TP MCC-SMBJ5353B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5363B-TP MCC-SMBJ5363B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5366B-TP MCC-SMBJ5366B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B-TP MCC-SMBJ5338B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5365B-TP MCC-SMBJ5365B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5341B-TP MCC-SMBJ5341B-TP Datasheet
365Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5371B-TP MCC-SMBJ5371B-TP Datasheet
367Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
SMBJ5338B MCC-SMBJ5338B_14 Datasheet
265Kb / 5P
   5 Watt Surface Mount Silicon Zener Diode 5.1 to 200 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com