Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOC2414 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOC2414
Description  8V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2414 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOC2414 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2414 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2414 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2414 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2414 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOC2414
Symbol
Min
Typ
Max
Units
BVDSS
8
V
VDS=8V, VGS=0V
1
TJ=55°C
5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
0.2
0.52
0.8
V
15.5
19
TJ=125°C
19.5
24
16.5
21
m
18
24
m
21
29
m
gFS
30
S
VSD
0.54
1
V
Ciss
2042
pF
Coss
600
pF
Crss
298
pF
Rg
2.4
K
Qg
21.5
32
nC
Qgs
10.5
nC
Qgd
4.5
nC
tD(on)
2.5
µs
tr
4
µs
tD(off)
5
µs
tf
8
µs
trr
20
ns
Qrr
10
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
VGS=2.5V, ID=1.5A
Reverse Transfer Capacitance
IF=1.5A, dI/dt=100A/µs
VGS=0V, VDS=4V, f=1MHz
SWITCHING PARAMETERS
VDS=VGS ID=250µA
VDS=0V, VGS=±5V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
IS=1A,VGS=0V
VDS=5V, ID=1.5A
VGS=1.2V, ID=1A
VGS=1.8V, ID=1A
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
VGS=4.5V, VDS=4V, ID=1.5A
Gate Source Charge
Gate Drain Charge
VGS=1.5V, ID=1A
Body Diode Reverse Recovery Charge IF=1.5A, dI/dt=100A/µs
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=2.5V, VDS=4V, RL=2.67Ω,
RGEN=3Ω
Gate resistance
Rev 0: Nov. 2012
www.aosmd.com
Page 2 of 5


Similar Part No. - AOC2414

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2411 AOSMD-AOC2411 Datasheet
208Kb / 4P
   30V P-Channel MOSFET
AOC2412 AOSMD-AOC2412 Datasheet
227Kb / 5P
   20V N-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AOC2417 AOSMD-AOC2417 Datasheet
250Kb / 5P
   20V P-Channel MOSFET
Rev 0 : Nov. 2012
More results

Similar Description - AOC2414

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2400 AOSMD-AON2400 Datasheet
240Kb / 5P
   8V N-Channel MOSFET
AOC2422 AOSMD-AOC2422 Datasheet
244Kb / 5P
   8V N-Channel MOSFET
AOC2421 AOSMD-AOC2421 Datasheet
257Kb / 5P
   8V P-Channel MOSFET
AON2401 AOSMD-AON2401 Datasheet
245Kb / 5P
   8V P-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G_15 Datasheet
499Kb / 5P
   8V P-Channel Enhancement-Mode MOSFET
logo
IXYS Corporation
CPC1831 IXYS-CPC1831 Datasheet
93Kb / 4P
   8V Output Solar Cell
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com