Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOC2417 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOC2417
Description  20V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOC2417 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOC2417 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOC2417 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOC2417 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOC2417 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOC2417 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AOC2417
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
10
20
30
40
50
60
0
1
2
3
4
-V
GS(Volts)
Figure 2: Transfer Characteristics
10
20
30
40
50
0
1
2
3
4
5
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-2.5V
I
D=-1A
V
GS=-10V
I
D=-1.5A
V
GS=-4.5V
I
D=-1A
25°C
125°C
V
DS=-5V
V
GS=-10V
V
GS=-4.5V
0
10
20
30
40
50
60
0
1
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics
V
GS=-1.5V
-2.0V
-4.5V
-2.5V
-3.0V
-10V
V
GS=-2.5V
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
(Note E)
10
20
30
40
50
60
0
2
4
6
8
10
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=-1.5A
25°C
125°C
Rev 0: Nov. 2012
www.aosmd.com
Page 3 of 5


Similar Part No. - AOC2417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC2411 AOSMD-AOC2411 Datasheet
208Kb / 4P
   30V P-Channel MOSFET
AOC2412 AOSMD-AOC2412 Datasheet
227Kb / 5P
   20V N-Channel MOSFET
AOC2413 AOSMD-AOC2413 Datasheet
253Kb / 5P
   8V P-Channel MOSFET
AOC2414 AOSMD-AOC2414 Datasheet
256Kb / 5P
   8V N-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
More results

Similar Description - AOC2417

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com