Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9012BQ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9012BQ
Description  High Speed 8-Bit TTL A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9012BQ Datasheet(HTML) 4 Page - Analog Devices

  AD9012BQ Datasheet HTML 1Page - Analog Devices AD9012BQ Datasheet HTML 2Page - Analog Devices AD9012BQ Datasheet HTML 3Page - Analog Devices AD9012BQ Datasheet HTML 4Page - Analog Devices AD9012BQ Datasheet HTML 5Page - Analog Devices AD9012BQ Datasheet HTML 6Page - Analog Devices AD9012BQ Datasheet HTML 7Page - Analog Devices AD9012BQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. D
AD9012
–4–
PIN FUNCTION DESCRIPTIONS
Pin #
Name
Description
11
DIGITAL +VS
One of three positive digital supply pins (nominally +5.0 V).
12
OVERFLOW INH
OVERFLOW INHIBIT controls the data output coding for overvoltage inputs (AIN
≥ + V
REF).
13
HYSTERESIS
The Hysteresis control voltage varies the comparator hysteresis from 0 mV to 10 mV, for a
change from –5.2 V to –2.2 V at the Hysteresis control pin.
14+VREF
The most positive reference voltage for the internal resistor ladder.
15
ANALOG INPUT
One of two analog input pins. Both analog input pins should be connected together.
16
ANALOG GROUND
One of two analog ground pins. Both analog ground pins should be connected together.
17
ENCODE
TTL level encode command input. ENCODE is rising edge sensitive.
18
DIGITAL +VS
One of three positive digital supply pins (nominally +5.0 V).
19
ANALOG GROUND
One of two analog ground pins. Both analog ground pins should be connected together.
10
ANALOG INPUT
One of two analog input pins. Both analog inputs should be connected together.
11
–VREF
The most negative reference voltage for the internal resistor ladder.
12
REFMID
The midpoint tap on the internal resistor ladder.
13
DIGITAL +VS
One of three positive digital supply pins (nominally +5.0 V).
14
DIGITAL –VS
One of two negative digital supply pins (nominally –5.2 V). Both digital supply pins should be
connected together.
15
D1 (LSB)
Digital data output. D1 (LSB) is the least significant bit of the digital output word.
16–19
D2–D5
Digital data output.
20
DIGITAL GROUND
One of two digital ground pins. Both digital grounds pins should be connected together.
21, 22
ANALOG –VS
One of two negative analog supply pins (nominally –5.2 V). Both analog supply pins should be
connected together.
23
DIGITAL GROUND
One of two digital ground pins. Both digital ground pins should be connected together.
24, 25
D6, D7
Digital data output.
26
D8 (MSB)
Digital data output D8 (MSB) is the most significant bit of the digital output word.
27
OVERFLOW
Overflow data output. Logic HIGH indicates an input overvoltage (VIN > + VREF), if
OVERFLOW INHIBIT is enabled (overflow enabled, floating). See OVERFLOW INHIBIT.
28
DIGITAL –VS
One of two negative digital supply pins (nominally –5.2 V). Both digital supply pins should be
connected together.
ANALOG
OVERFLOW ENABLED (FLOATING)
OVERFLOW INHIBITED (GND)
INPUT
OF Dl D2 D3 D4 D5 D6 D7 D8
OF Dl D2 D3 D4 D5 D6 D7 D8
VIN
≥ + V
REF
1
0 0 0 0 0
0 0 0
0
1 1 1 1 1
1 1 1
VIN < + VREF
0
X X X X X X X X
0
X X X X X X X X
PIN CONFIGURATIONS
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9012
DIGITAL VS+
REFMID
–VREF
ANALOG INPUT
ANALOG GROUND
DIGITAL VS+
DIGITAL VS+
OVERFLOW INH
HYSTERESIS
+VREF
ENCODE
ANALOG GROUND
ANALOG INPUT
D1 (LSB)
D2
D3
D4
D5
DIGITAL GROUND
ANALOG VS
DIGITAL VS
OVERFLOW
D8 (MSB)
D7
ANALOG VS
DIGITAL GROUND
D6
DIGITAL VS
TOP VIEW
(Not to Scale)
28 27
1
2
3
426
25
21
22
23
24
19
20
5
6
7
8
9
10
11
12 13 14 15 16 17 18
D7
D6
DIGITAL GROUND
ANALOG VS
ANALOG VS
D5
ANALOG INPUT
ANALOG GROUND
ENCODE
DIGITAL VS+
ANALOG INPUT
–VREF
AD9012
DIGITAL GROUND
ANALOG GROUND


Similar Part No. - AD9012BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9012 AD-AD9012 Datasheet
263Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. F
AD9012 AD-AD9012_15 Datasheet
263Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. F
More results

Similar Description - AD9012BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9012 AD-AD9012_15 Datasheet
263Kb / 8P
   High Speed 8-Bit TTL A/D Converter
REV. F
logo
Intersil Corporation
HI1106 INTERSIL-HI1106 Datasheet
691Kb / 14P
   8-Bit, 35 MSPS, High Speed D/A Converter (TTL Input)
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
   High Speed 8-Bit Monolithic A/D Converter
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com