Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9040A Datasheet(PDF) 3 Page - Analog Devices

Part # AD9040A
Description  10-Bit 40 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9040A Datasheet(HTML) 3 Page - Analog Devices

  AD9040A Datasheet HTML 1Page - Analog Devices AD9040A Datasheet HTML 2Page - Analog Devices AD9040A Datasheet HTML 3Page - Analog Devices AD9040A Datasheet HTML 4Page - Analog Devices AD9040A Datasheet HTML 5Page - Analog Devices AD9040A Datasheet HTML 6Page - Analog Devices AD9040A Datasheet HTML 7Page - Analog Devices AD9040A Datasheet HTML 8Page - Analog Devices AD9040A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD9040A
REV. B
–3–
Test
AD9040AJN/JR
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Units
ENCODE INPUT
Logic “1” Voltage
Full
VI
4.0
V
Logic “0” Voltage
Full
VI
1.0
V
Logic “1” Current
Full
VI
±1
µA
Logic “0” Current
Full
VI
±1
µA
Input Capacitance
+25
°CV
14
pF
Encode Pulsewidth (High) (tEH)
6
+25
°C
IV
10
100
ns
Encode Pulsewidth (Low) (tEL)
6
+25
°C
IV
10
100
ns
DIGITAL OUTPUTS
Logic “1” Voltage
Full
VI
4.95
V
Logic “0” Voltage
Full
VI
0.05
V
Output Coding
Offset Binary
POWER SUPPLY
VD Supply Current
Full
VI
13
20
mA
+VS Supply Current
Full
VI
89
110
mA
–VS Supply Current
Full
VI
87
105
mA
Power Dissipation
Full
VI
0.94
1.2
W
Power Supply
Rejection Ratio (PSRR)
7
+25
°CI
±15
mV/V
NOTES
1“Gain Tempco” is for converter using internal reference; “Temperature
Coefficient” is for bandgap reference only.
2Output propagation delay (t
PD) is measured from the 50% point of the falling
edge of the encode command to the min/max voltage levels of the digital
outputs with 10 pF maximum loads.
3RMS signal to rms noise with analog input signal 1 dB below full scale at
specified frequency.
4ENCODE = 32 MSPS.
53rd order intermodulation measured with analog input frequencies of 2.3 MHz
and 2.4 MHz at 7 dB below full scale.
6For rated performance at 40 MSPS, duty cycle of encode command should be
50%
±10%.
7Measured as the ratio of the change in offset voltage for a 5% change in +V
S
or –VS.
Specifications subject to change without notice.
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% Production Tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V – Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for military
temperature devices; guaranteed by design and character-
ization testing for industrial devices.
ABSOLUTE MAXIMUM RATINGS
1
±V
S
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
ANALOG IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS to +VS
DIGITAL INPUTS . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +VS
VREF Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +VS
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature
AD9040AJN/JR . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature
2 (JN/JR Suffixes) . . . +150
°C
Lead Soldering Temp (10 sec) . . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Typical thermal impedances (parts soldered to board):
N Package (Plastic DIP):
θ
JA = 42°C/W; θJC = 10°C/W.
R Package (SOIC):
θ
JA = 47°C/W; θJC = 10°C/W.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9040AJN
0
°C to +70°C
28-Lead Plastic DIP
N-28
AD9040AJR
0
°C to +70°C
28-Lead SOIC Package
R-28
AD9040A/PWB
Printed Circuit Board (Only) of Evaluation Circuit
AD9040A/PCB
Complete Evaluation Board, Assembled and Tested,
Including AD9040AJR


Similar Part No. - AD9040A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
More results

Similar Description - AD9040A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
   10-BIT, 40 MSPS A/D CONVERTER
logo
Renesas Technology Corp
HI5703 RENESAS-HI5703 Datasheet
879Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
   10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
   10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
   10-bit, 40 MSPS 160mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com