Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOU7S65 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOU7S65
Description  650V 7A a MOS Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOU7S65 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOU7S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOU7S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOU7S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOU7S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOU7S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOU7S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOU7S65 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AOD7S65/AOU7S65/AOI7S65
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
100
200
300
400
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Single Pulse Power Rating Junction-to-Ambient (Note G)
TA=25°C
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
10000
Pulse Width (s)
Figure 17: Normalized Maximum Transient Thermal Impedance (Note G)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=55°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
Ton
T
PD
Rev1: Nov 2012
www.aosmd.com
Page 6 of 7


Similar Part No. - AOU7S65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOU7S65 ISC-AOU7S65 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOU7S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
   650V 7A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
   650V 7A a MOS TM Power Transistor
AOT7S65L AOSMD-AOT7S65L Datasheet
557Kb / 7P
   650V 7A a MOS
logo
Shenzhen Foster Semicon...
FIR7NS65ABPG FOSTER-FIR7NS65ABPG Datasheet
2Mb / 7P
   7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65AFG FOSTER-FIR7NS65AFG Datasheet
2Mb / 7P
   7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65ALG FOSTER-FIR7NS65ALG Datasheet
2Mb / 7P
   7A, 650V DP MOS POWER TRANSISTOR-S
logo
Alpha & Omega Semicondu...
AOB7S60 AOSMD-AOB7S60 Datasheet
293Kb / 6P
   600V 7A a MOS Power Transistor
AOD7S60 AOSMD-AOD7S60 Datasheet
295Kb / 7P
   600V 7A a MOS Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com