Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9020KZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9020KZ
Description  10-Bit 60 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9020KZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9020KZ Datasheet HTML 4Page - Analog Devices AD9020KZ Datasheet HTML 5Page - Analog Devices AD9020KZ Datasheet HTML 6Page - Analog Devices AD9020KZ Datasheet HTML 7Page - Analog Devices AD9020KZ Datasheet HTML 8Page - Analog Devices AD9020KZ Datasheet HTML 9Page - Analog Devices AD9020KZ Datasheet HTML 10Page - Analog Devices AD9020KZ Datasheet HTML 11Page - Analog Devices AD9020KZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD9020
–8–
REV. A
USING THE AD9020
Voltage References
The AD9020 requires that the user provide two voltage refer-
ences: +VREF and –VREF. These two voltages are applied across
an internal resistor ladder (nominally 37
Ω) and set the analog
input voltage range of the converter. The voltage references
should be driven from a stable, low impedance source. In addi-
tion to these two references, three evenly spaced taps on the re-
sistor ladder (1/4REF, 1/2REF, 3/4REF) are available. Providing a
reference to these quarter points on the resistor ladder will im-
prove the integral linearity of the converter and improve ac per-
formance. (AC and dc specifications are tested while driving the
quarter points at the indicated levels.) The figure below is not
intended to show the transfer function of the ADC, but illus-
trates how the linearity of the device is affected by reference
voltages applied to the ladder.
Effect of Reference Taps on Linearity
Resistance between the reference connections and the taps of
the first and last comparators causes offset errors. These errors,
called “top and bottom of the ladder offsets,” can be nulled by
using the voltage sense lines, +VSENSE and –VSENSE, to adjust the
reference voltages. Current through the sense lines should be
limited to less than 100
µA. Excessive current drawn through
the voltage sense lines will affect the accuracy of the sense line
voltage.
The next page shows a reference circuit which nulls out the off-
set errors using two op amps and provides appropriate voltage
references to the quarter-point taps. Feedback from the sense
lines causes the op amps to compensate for the offset errors.
The two transistors limit the amount of current drawn directly
from the op amps; resistors at the base connections stabilize
their operation. The 10 k
Ω resistors (R1–R4) between the volt-
age sense lines form an external resistor ladder; the quarter
point voltages are taken off this external ladder and buffered by
an op amp. The actual values of resistors R1–R4 are not critical,
but they should match well and be large enough (
≥10 kΩ) to
limit the amount of current drawn from the voltage sense lines.
The select resistors (RS) shown in the schematic (each pair can
be a potentiometer) are chosen to adjust the quarter-point volt-
age references, but are not necessary if R1–R4 match within
0.05%.
An alternative approach for defining the quarter-point refer-
ences of the resistor ladder is to evaluate the integral linearity
error of an individual device, and adjust the voltage at the
quarter-points to minimize this error. This may improve the low
frequency ac performance of the converter.
Performance of the AD9020 has been optimized with an analog
input voltage of
±1.75 V (as measured at ±V
SENSE). If the ana-
log input range is reduced below these values, relatively larger
differential nonlinearity errors may result because of comparator
mismatches. As shown in the figure below, performance of the
converter is a function of
±V
SENSE.
32
38
44
50
56
62
10.0
9.0
8.0
7.0
6.0
5.0
0.4
0.8
1.0
1.4
1.8
2.0
±VSENSE – Volts
0.6
1.2
1.6
AD9020 SNR and ENOB vs. Reference Voltage
Applying a voltage greater than 4 V across the internal resistor
ladder will cause current densities to exceed rated values, and
may cause permanent damage to the AD9020. The design of
the reference circuit should limit the voltage available to the
references.
Analog Input Signal
The signal applied to ANALOG IN drives the inputs of 512
parallel comparator cells (see Equivalent Analog Input figure).
This connection typically has an input resistance of 7 k
Ω, and
input capacitance of 45 pF. The input capacitance is nearly
constant over the analog input voltage range, as shown in the
graph which illustrates that characteristic.
The analog input signal should be driven from a low distortion,
low noise amplifier. A good choice is the AD9617, a wide band-
width, monolithic operational amplifier with excellent ac and dc
performance. The input capacitance should be isolated by a
small series resistor (24
Ω for the AD9617) to improve the ac
performance of the amplifier (see AD9020/PCB Evaluation
Board Block Diagram).


Similar Part No. - AD9020KZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
More results

Similar Description - AD9020KZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9051 AD-AD9051_15 Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A/D Converter
REV. C
logo
Cadeka Microcircuits LL...
SPT7866 CADEKA-SPT7866 Datasheet
148Kb / 8P
   10-BIT, 60 MSPS A/D CONVERTER
logo
Analog Devices
AD9051BRSZ AD-AD9051BRSZ Datasheet
644Kb / 11P
   10-Bit, 60 MSPS A-D Converter
REV. C
logo
Intersil Corporation
HI5766 INTERSIL-HI5766 Datasheet
155Kb / 14P
   10-Bit, 60 MSPS A/D Converter
logo
Analog Devices
AD9020 AD-AD9020_15 Datasheet
245Kb / 12P
   10-Bit 60 MSPS A/D Converter
REV. C
AD9051 AD-AD9051 Datasheet
142Kb / 12P
   10-Bit, 60 MSPS A/D Converter
REV. A
AD9050 AD-AD9050 Datasheet
151Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
   10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
AD9057 AD-AD9057 Datasheet
184Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
   8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com