Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD11S60 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOD11S60
Description  600V 11A a MOS Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD11S60 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOD11S60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD11S60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD11S60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD11S60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD11S60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD11S60 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD11S60 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AOD11S60/AOI11S60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 13: Normalized Maximum Transient Thermal Impedance (Note F)
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=0.6°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Ton
T
PD
Single Pulse
0
3
6
9
12
0
25
50
75
100
125
150
TCASE (°C)
Figure 15: Current De-rating (Note B)
0
30
60
90
120
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Avalanche energy
Rev3: Jan 2012
www.aosmd.com
Page 5 of 7


Similar Part No. - AOD11S60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD11S60 ISC-AOD11S60 Datasheet
308Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD11S60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11S60 AOSMD-AOB11S60 Datasheet
297Kb / 6P
   600V 11A a MOS Power Transistor
AOW11S60 AOSMD-AOW11S60 Datasheet
282Kb / 6P
   600V 11A a MOS TM Power Transistor
AOT11S60L AOSMD-AOT11S60L Datasheet
508Kb / 7P
   600V 11A a MOS
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
   600V 11A a MOS
AOB11S65 AOSMD-AOB11S65 Datasheet
305Kb / 7P
   650V 11A a MOS Power Transistor
AOW11S65 AOSMD-AOW11S65 Datasheet
265Kb / 6P
   650V 11A a MOS TM Power Transistor
logo
Renesas Technology Corp
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
   600V - 11A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com