Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9042AD Datasheet(PDF) 1 Page - Analog Devices

Part # AD9042AD
Description  12-Bit, 41 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9042AD Datasheet(HTML) 1 Page - Analog Devices

  AD9042AD Datasheet HTML 1Page - Analog Devices AD9042AD Datasheet HTML 2Page - Analog Devices AD9042AD Datasheet HTML 3Page - Analog Devices AD9042AD Datasheet HTML 4Page - Analog Devices AD9042AD Datasheet HTML 5Page - Analog Devices AD9042AD Datasheet HTML 6Page - Analog Devices AD9042AD Datasheet HTML 7Page - Analog Devices AD9042AD Datasheet HTML 8Page - Analog Devices AD9042AD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
12-Bit, 41 MSPS
Monolithic A/D Converter
FEATURES
41 MSPS Minimum Sample Rate
80 dB Spurious-Free Dynamic Range
595 mW Power Dissipation
Single +5 V Supply
On-Chip T/H and Reference
Twos Complement Output Format
CMOS-Compatible Output Levels
APPLICATIONS
Cellular/PCS Base Stations
GPS Anti-Jamming Receivers
Communications Receivers
Spectrum Analyzers
Electro-Optics
Medical Imaging
ATE
FUNCTIONAL BLOCK DIAGRAM
AIN
ENCODE
VREF
DVCC
AVCC
AD9042
ADC
VOFFSET
6
DAC
TH2
A1
TH1
+2.4V
REFERENCE
INTERNAL
TIMING
D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
MSB
LSB
TH3
A2
ADC
DIGITAL ERROR CORRECTION LOGIC
7
ENCODE
GND
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD9042 is a high speed, high performance, low power,
monolithic 12-bit analog-to-digital converter. All necessary
functions, including track-and-hold (T/H) and reference are
included on chip to provide a complete conversion solution.
The AD9042 runs off of a single +5 V supply and provides
CMOS-compatible digital outputs at 41 MSPS.
Designed specifically to address the needs of wideband,
multichannel receivers, the AD9042 maintains 80 dB
spurious-free dynamic range (SFDR) over a bandwidth of
20 MHz. Noise performance is also exceptional; typical
signal-to-noise ratio is 68 dB.
The AD9042 is built on Analog Devices’ high speed complemen-
tary bipolar process (XFCB) and uses an innovative multipass
architecture. Units are packaged in a 28-pin DIP; this custom
AD9042AD PIN DESIGNATIONS
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
28
27
26
25
24
23
22
21
NC = NO CONNECT
GND
D8
D9
D10
D11 (MSB)
DVCC
GND
ENCODE
D5
D6
D7
ENCODE
GND
GND
AIN
VOFFSET
VREF
D2
D3
D4
GND
AVCC
GND
AVCC
D1
NC
NC
D0 (LSB)
TOP VIEW
(Not to Scale)
AD9042
cofired ceramic package forms a multilayer substrate to which
internal bypass capacitors and the 9042 die are attached and a
44-pin TQFP low profile surface mount package. The AD9042
industrial grade is specified from –40
°C to +85°C. However,
the AD9042 was designed to perform over the full military
temperature range (–55
°C to +125°C); consult factory for
military grade product options.
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate is 41 MSPS.
2. Dynamic performance specified over entire Nyquist band;
spurious signals typ. 80 dBc for –1 dBFS input signals.
3. Low power dissipation: 595 mW off a single +5 V supply.
4. Reference and track-and-hold included on chip.
5. Packaged in 28-pin ceramic DIP and 44-pin TQFP.
AD9042AST PIN DESIGNATIONS
AD9042
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36
35 34
37
29
30
31
32
33
27
28
25
26
23
24
12 13
14 15
16 17 18 19 20 21 22
PIN 1
TOP VIEW
(Not to Scale)
D8
D7
D6
D5
D4
D3
D2
AD9042
DVCC
DVCC
ENCODE
ENCODE
GND
GND
AIN
NC = NO CONNECT
VOFFSET
VREF
C1
AVCC
D1
D0 (LSB)
GND
NC


Similar Part No. - AD9042AD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9042 AD-AD9042_15 Datasheet
464Kb / 24P
   12-Bit, 41 MSPS Monolithic ADC
REV. B
More results

Similar Description - AD9042AD

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
9042 MAXWELL-9042 Datasheet
396Kb / 26P
   12-Bit, 41 MSPS A/D Converter
logo
Analog Devices
AD9042 AD-AD9042_15 Datasheet
464Kb / 24P
   12-Bit, 41 MSPS Monolithic ADC
REV. B
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD871 AD-AD871 Datasheet
378Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224 Datasheet
309Kb / 24P
   Complete 12-Bit 40 MSPS Monolithic A/D Converter
REV. A
AD1671 AD-AD1671_15 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com