Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9049 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9049
Description  9-Bit, 30 MSPS ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9049 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9049 Datasheet HTML 4Page - Analog Devices AD9049 Datasheet HTML 5Page - Analog Devices AD9049 Datasheet HTML 6Page - Analog Devices AD9049 Datasheet HTML 7Page - Analog Devices AD9049 Datasheet HTML 8Page - Analog Devices AD9049 Datasheet HTML 9Page - Analog Devices AD9049 Datasheet HTML 10Page - Analog Devices AD9049 Datasheet HTML 11Page - Analog Devices AD9049 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD9049
REV. A
–8–
THEORY OF OPERATION
Refer to the block diagram on the front page.
The AD9049 employs a subranging architecture with digital
error correction. This combination of design techniques ensures
true 9-bit accuracy at the digital outputs of the converter.
At the input, the analog signal is buffered by a high speed differ-
ential buffer and applied to a track-and-hold (T/H) that holds
the analog value which is present when the unit is strobed with
an ENCODE command. The conversion process begins on the
rising edge of this pulse. The two stage architecture completes a
coarse and then a fine conversion of the T/H output signal.
Error correction and decode logic correct and align data from
the two conversions and present the result as a 9-bit parallel
digital word. Output data are strobed on the rising edge of the
ENCODE command. The subranging architecture results in
five pipeline delays for the output data. Refer to the AD9049
Timing Diagram.
USING THE AD9049
3 V System
The digital input and outputs of the AD9049 can easily be
configured to directly interface to 3 V logic systems. The encode
input (Pin 13) is TTL compatible with a logic threshold of 1.5
V. This input is actually a CMOS stage (refer to Equivalent En-
code Input Stage) with a TTL threshold, allowing operation
with TTL, CMOS and 3 V CMOS logic families. Using 3 V
CMOS logic allows the user to drive the encode directly without
the need to translate to +5 V. This saves the user power and
board space. As with all high speed data converters, the clock
signal must be clean and jitter free to prevent the degradation of
dynamic performance.
The AD9049 outputs can also directly interface to 3 V logic
systems. The digital outputs are standard CMOS stages (refer to
AD9049 Output Stage) with isolated supply pins (Pins 20, 22
VDD). By varying the voltage on the VDD pins, the digital output
levels vary respectively. By connecting Pins 20 and 22 to the
3 V logic supply, the AD9049 will supply 3 V output levels.
Care should be taken to filter and isolate the output supply of
the AD9049 as noise could be coupled into the ADC, limiting
performance.
Analog Input
The analog input of the AD9049 is a differential input buffer
(refer to AD9049 Equivalent Analog Input). The differential in-
puts are internally biased at +3.3 V, obviating the need for
external biasing. Excellent performance is achieved whether the
analog inputs are driven single-ended or differential. (For best
dynamic performance, impedances at AIN and AINB should
match.)
Figure 16 shows typical connections for the analog inputs when
using the AD9049 in a dc coupled system with single ended
signals. All components are powered from a single +5 V supply.
The AD820 is used to offset the ground referenced input signal
to the level required by the AD9049.
AC coupling of the analog inputs to the AD9049 is easily accom-
plished. Figure 17 shows capacitive coupling of a single ended
signal while Figure 18 shows transformer coupling differentially
into the AD9049.
+5V
AD8041
1k
1k
+5V
AD9049
9
10
+5V
1k
AD820
VIN
–0.5V to +0.5V
1k
0.1µF
0.1µF
Figure 16. Single Supply, Single Ended, DC Coupled
AD9049
+5V
AD8011
1k
1k
+5V
AD9049
9
10
–5V
VIN
–0.5V to +0.5V
0.1µF
0.1µF
Figure 17. Single Ended, Capacitively Coupled AD9049
+5V
AD8011
1k
1k
+5V
9
10
–5V
VIN
–0.5V to +0.5V
0.1µF
AD9049
T1-1T
50
Figure 18. Differentially Driven AD9049 Using Trans-
former Coupling.
The AD830 provides a unique method of providing dc level shift
for the analog input. Using the AD830 allows a great deal of
flexibility for adjusting offset and gain. Figure 19 shows the
AD830 configured to drive the AD9049. The offset is provided
by the internal biasing of the AD9049 differential input (Pin 9).
For more information regarding the AD830, see the AD830
data sheet.
VIN
–0.5V to +0.5V
1
2
3
4
AD830
+15V
–5V
710
9
0.1
µF
+5V
AD9049
Figure 19. Level Shifting with the AD830


Similar Part No. - AD9049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9049 AD-AD9049_15 Datasheet
299Kb / 12P
   9 BIT 30 MSPS ADC
REV. A
More results

Similar Description - AD9049

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9049 AD-AD9049_15 Datasheet
299Kb / 12P
   9 BIT 30 MSPS ADC
REV. A
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD7760 AD-AD7760 Datasheet
868Kb / 22P
   2.5 MSPS, 20-Bit ADC
Rev. PrN
logo
Texas Instruments
ADS5517 TI-ADS5517 Datasheet
1Mb / 54P
[Old version datasheet]   11-BIT, 200 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com