Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PK01W-50-1G Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PK01W-50-1G
Description  CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PK01W-50-1G Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PK01W-50-1G Datasheet HTML 1Page - PowerDynamics, Inc PK01W-50-1G Datasheet HTML 2Page - PowerDynamics, Inc PK01W-50-1G Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice. Dimensions (mm).
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE,
SINGLE STAGE EMI/RFI LINE FILTER.
PK Series
MECHANICAL DIMENSIONS
FEATURES
The PK series offers a wide variety of EMI filters in numerous
styles of packages and current ratings. The filters are effective
in reducing both Line-to-Line and Line-to-Ground noise up to
30 Amp at 250VAC. This series offers very low leakage
current suitable for medical and non-medical applications.
These filters are also available for Medical applications.
The absence of C(y) capacitors offers extremely low leakage
current to comply with various industry standards especially
the medical equipment with Switching power supplies.
A Bleeder resistor can also be added to prevent excessive
voltages from developing across the filter capacitors when
there is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 1A, 2A, 3A, 5A, 6A, 10A, 15A, 20A, 30A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
* Medical application
(Unit: mm)
A1, A2, A3
B1
G1
85.3
39.1
(4.6)
(14.9)
105.0
38.6
(6.1)
(17.3)
64.0
74.7
51.5
2x 4.8
86.4
95.3
50.8
82.5
100.0
4X 6.5X4.0
D
C
B
F
CASE
A
B
C
DE
24.4
F
45.0 17.5
33.8 45.0 30.0
46.5 51.8 30.0
64.5
64.5
70.9
54.1
54.5
60.9
G
49.6
59.0
71.7
8.5
14.9
14.9
A3
A2
A1
DIMENSIONS
CODE
E
2x 4.8
A
10.0
G
36
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PK01W-50-1G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PK007-015 VISHAY-PK007-015 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
PK007-015 VISHAY-PK007-015 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
logo
Teledyne Technologies I...
PK007-018 TELEDYNE-PK007-018 Datasheet
179Kb / 1P
   Passive Probe Accessories for PP007 and PP008 Series DEVICE UNDER TEST
PK007-024 TELEDYNE-PK007-024 Datasheet
179Kb / 1P
   Passive Probe Accessories for PP007 and PP008 Series
logo
ECM Electronics Limited...
PK0406 ECM-PK0406 Datasheet
150Kb / 7P
   Radial Leaded Inductors
More results

Similar Description - PK01W-50-1G

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
   CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PG01S POWERDYNAMICS-PG01S Datasheet
226Kb / 2P
   ECONOMICAL, CHASSIS MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PC05Q-1 POWERDYNAMICS-PC05Q-1 Datasheet
423Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PE05Q-1 POWERDYNAMICS-PE05Q-1 Datasheet
403Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER
PD05PS-1 POWERDYNAMICS-PD05PS-1 Datasheet
993Kb / 2P
   CHASSIS MOUNT, SINGLE AND DOUBLE STAGE EMI/RFI LINE FILTER.
PCSP POWERDYNAMICS-PCSP Datasheet
399Kb / 2P
   CHASSIS MOUNT EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
   PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
PEMA POWERDYNAMICS-PEMA Datasheet
427Kb / 2P
   CHASSIS MOUNT, MULTI-STAGE EMI/RFI APPLIANCE FILTER
PE3P4W POWERDYNAMICS-PE3P4W Datasheet
178Kb / 3P
   3 PHASE, 4 WIRE CHASSIS MOUNT EMI/RFI LINE FILTER.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com