Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9070 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9070
Description  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9070 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9070 Datasheet HTML 6Page - Analog Devices AD9070 Datasheet HTML 7Page - Analog Devices AD9070 Datasheet HTML 8Page - Analog Devices AD9070 Datasheet HTML 9Page - Analog Devices AD9070 Datasheet HTML 10Page - Analog Devices AD9070 Datasheet HTML 11Page - Analog Devices AD9070 Datasheet HTML 12Page - Analog Devices AD9070 Datasheet HTML 13Page - Analog Devices AD9070 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9070
–10–
REV. B
Figure 19 shows typical connections for the analog inputs when
using the AD9070 in a dc-coupled system with single-ended
signals. The AD820 is used to offset the ground referenced
input signal to the level required by the AD9070. A very high
performance amplifier, such as the AD9631, is required to avoid
degrading the analog signal presented to the ADC. A buffered
ac interface is easily implemented, with even fewer components
(Figure 20).
AD9070
VEE
–5V
GND
1k
RT
VIN
0.5V
AIN
AIN
VREF OUT
VREF IN
–5V
–5V
+5V
AD9631
350
AD820
1k
0.1 F
350
1k
0.1 F
0.1 F
Figure 19. DC-Coupled Input
AD9070
0.1 F
VEE
–5V
GND
350
RT
VIN
1Vp-p
AIN
AIN
VREF OUT
VREF IN
–5V
+5V
AD9631
350
500
0.1 F
0.1 F
500
0.1 F
Figure 20. AC-Coupled Input
Special care was taken in the design of the analog input section
of the AD9070 to prevent damage and corruption of data when
the input is overdriven. The nominal input range is –1.988 V to
–3.012 V (1.024 V p–p centered at –2.5 V). Out-of-range
comparators detect when the analog input signal is out of this
range and set the OR output signal HIGH. The digital outputs
are locked at plus or minus full scale (1FFh or 200h) for
voltages that are out of range but between –1 V and –5 V. Input
voltages outside of this range may result in invalid codes at the
ADCs output.
When the analog input signal returns to the nominal range, the
out-of-range comparators return the ADC to its active mode
and the device recovers in approximately 3 ns.
The input is protected to one volt outside of the power supply
rails. For nominal power (–5 V and ground), the analog input
will not be damaged with signals ranging from –6.0 V to +1.0 V.
Voltage Reference
A stable and accurate –2.5 V voltage reference is built into the
AD9070 (VREF OUT) in the SOIC (BR) package. In normal
operation, the internal reference is used by strapping Pins 3
and 4 of the AD9070 together. The internal reference can
provide 100
µA of extra drive current that may be used for other
circuits.
Some applications may require greater accuracy, improved
temperature performance or adjustment of the gain of the
AD9070, which cannot be obtained by using the internal
reference. For these applications, an external –2.5 V reference
can be connected to VREF IN, which requires 5
µA of drive
current (Figure 21).
AD9070
VEE
–5V
GND
VREF OUT
VREF IN
–5V
1.25k
0.1 F
NC
GND
+VIN
VOUT
AD780
Figure 21. Using the AD780 Voltage Reference
The input range can be adjusted by varying the reference
voltage applied to the AD9070. No appreciable degradation in
performance occurs when the reference is adjusted
±4%. The
full-scale range of the ADC tracks reference voltage changes
linearly.
Timing
The performance of the AD9070 is insensitive to the duty cycle
of the clock over a wide range of operating conditions: pulse
width variations of as much as
±20% will cause no degradation
in performance (see Figure 15).
The AD9070 provides latched data outputs, with three pipeline
delays. Data outputs are available one propagation delay (tPD)
after the rising edge of the encode command (Figure 1). The
length of the output data lines and loads placed on them should
be minimized to reduce transients within the AD9070; these
transients can detract from the converter’s dynamic performance.
The minimum guaranteed conversion rate of the AD9070 is
40 MSPS. At clock rates below 40 MSPS, dynamic performance
may degrade. The AD9070 will operate in bursts, but the user
must flush the internal pipeline each time the clock restarts.
Valid data will be produced on the fourth rising edge of the
ENCODE signal after the clock is restarted.


Similar Part No. - AD9070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
More results

Similar Description - AD9070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com