Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9070BR Datasheet(PDF) 5 Page - Analog Devices

Part # AD9070BR
Description  10-Bit, 100 MSPS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9070BR Datasheet(HTML) 5 Page - Analog Devices

  AD9070BR Datasheet HTML 1Page - Analog Devices AD9070BR Datasheet HTML 2Page - Analog Devices AD9070BR Datasheet HTML 3Page - Analog Devices AD9070BR Datasheet HTML 4Page - Analog Devices AD9070BR Datasheet HTML 5Page - Analog Devices AD9070BR Datasheet HTML 6Page - Analog Devices AD9070BR Datasheet HTML 7Page - Analog Devices AD9070BR Datasheet HTML 8Page - Analog Devices AD9070BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD9070
–5–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin Numbers
AD9070BR
AD9070DIP
R Package
D Package
Name
Function
1, 7, 12, 21, 23
1, 7, 9, 14, 21
VEE
Negative Power Supply. Nominally –5.0 V.
2, 8, 11, 20, 22
2, 6, 8, 10, 13, 15, 22
GND
Ground.
3
N/A
VREF OUT
Internal Reference Output (–2.5 V typical); Bypass with 0.1
µF to Ground.
4
3
VREF IN
Reference Input for ADC (–2.5 V typical).
5
N/A
COMP
Internal Amplifier Compensation, 0.1
µF to V
EE.
6
N/A
REF BYPASS
Reference Bypass Node, 0.1
µF to V
EE.
94
AIN
Analog Input – Complement.
10
5
AIN
Analog Input – True.
13
11
ENCODE
Encode Clock for ADC (ADC Samples on Rising Edge of ENCODE).
14
12
ENCODE
Encode Clock Complement (ADC Samples on Falling Edge of
ENCODE).
28–24, 19–15
27–23, 20–16
D9–D0
Digital Outputs of ADC. D9 is the MSB. Data is twos complement.
N/A
28
OR
Out-of-Range Output. Goes HIGH when the converted sample is more
positive than 1FFh or more negative than 200h (Twos Complement Coding).
PIN CONFIGURATIONS
SOIC
Ceramic DIP
14
13
12
11
10
9
8
2
3
4
7
6
5
1
17
16
15
20
19
18
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
AD9070BR
D9 (MSB)
D8
D7
D6
D5
VEE
GND
VEE
GND
D4
D3
D2
D1
D0 (LSB)
VEE
GND
VREF OUT
VREF IN
COMP
REF BYPASS
VEE
GND
AIN
AIN
GND
VEE
ENCODE
ENCODE
14
13
12
11
10
9
8
2
3
4
7
6
5
1
17
16
15
20
19
18
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
AD9070DIP
OR
D9 (MSB)
D8
D7
D6
D5
GND
VEE
D4
D3
D2
D1
D0 (LSB)
GND
VEE
GND
VREF IN
AIN
AIN
GND
VEE
GND
VEE
GND
ENCODE
ENCODE
GND
VEE


Similar Part No. - AD9070BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
More results

Similar Description - AD9070BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7871 FAIRCHILD-SPT7871 Datasheet
64Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7871 CADEKA-SPT7871 Datasheet
164Kb / 8P
   10-BIT, 100 MSPS TTL A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7870 ETC1-SPT7870 Datasheet
83Kb / 8P
   10-BIT, 100 MSPS ECL A/D CONVERTER
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com