Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD450 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOD450
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD450 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOD450 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD450 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD450 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD450 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD450 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD450 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOD450
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
4.63
494
593
692
830
193
18
59
142
0
2
4
6
8
10
0
1
2
3
4
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
50
100
150
200
250
300
0
5
10
15
20
25
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
0.01
0.10
1.00
10.00
100.00
0.1
1
10
100
1000
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
100
µ
1ms
DC
RDS(ON)
limited
TJ(Max)=175°C, TC=25°C
VDS=10V
ID=3.8A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJC
RθJC=6°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(max)=175°C
TC=25°C
10
µs
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AOD450

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD450 AOSMD-AOD450 Datasheet
118Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD450 ISC-AOD450 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD450 DOINGTER-AOD450 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Alpha & Omega Semicondu...
AOD4504 AOSMD-AOD4504 Datasheet
290Kb / 6P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD4504 ISC-AOD4504 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD450

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com