Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD474A Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD474A
Description  75V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD474A Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD474A Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD474A Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD474A Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD474A Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD474A Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD474A Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD474A
75V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
10A
RDS(ON) (at VGS=10V)
< 130m
RDS(ON) (at VGS=4.5V)
< 155m
100% UIS Tested
100% Rg Tested
Symbol
VDS
The AOD474A combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for boost
converters and synchronous rectifiers for consumer,
telecom, industrial power supplies and LED backlighting.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
75V
Drain-Source Voltage
75
G
D
S
TO252
DPAK
Top View
Bottom View
G
S
D
G
S
D
VGS
IDM
IAS/IAR
EAS/EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
4.3
60
5.2
W
Power Dissipation
A
PDSM
W
TA=70°C
28.5
1.3
TA=25°C
TC=25°C
2.1
14.5
TC=100°C
Power Dissipation
B
PD
A
TA=25°C
IDSM
A
TA=70°C
ID
10
7
TC=25°C
TC=100°C
18
Pulsed Drain Current
C
Continuous Drain
Current
mJ
Avalanche Current
C
2
Continuous Drain
Current
5
2.5
A
10
Avalanche energy L=0.1mH
C
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
Max
V
±16
Gate-Source Voltage
Maximum Junction-to-Ambient
A
°C/W
RθJA
17
50
25
Rev 0: Sep 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOD474A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD474A ISC-AOD474A Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD474A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com