Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9218 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9218
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218 Datasheet(HTML) 2 Page - Analog Devices

  AD9218 Datasheet HTML 1Page - Analog Devices AD9218 Datasheet HTML 2Page - Analog Devices AD9218 Datasheet HTML 3Page - Analog Devices AD9218 Datasheet HTML 4Page - Analog Devices AD9218 Datasheet HTML 5Page - Analog Devices AD9218 Datasheet HTML 6Page - Analog Devices AD9218 Datasheet HTML 7Page - Analog Devices AD9218 Datasheet HTML 8Page - Analog Devices AD9218 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. 0
–2–
AD9218–SPECIFICATIONS
DC SPECIFICATIONS
Test
AD9218BST-40/-65
AD9218BST-80/-105
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
Bits
ACCURACY
No Missing Codes
1
Full
VI
GNT
GNT
Offset Error
2
25
°C
I
–18
2
18
–18
2
18
LSB
Gain Error
2
25
°C
I
–2
3
8
–2
3.5
8
% FS
Differential Nonlinearity
25
°CI
–1
±0.3/±0.6 1/1.3
–1
±0.5/±0.8 1.2/1.7
LSB
(DNL)
Full
VI
±0.8
±0.6/±0.9
LSB
Integral Nonlinearity (INL)
25
°C
I
–1/–1.6
±0.3/±1
1/1.6
–1.35/–2.7
±0.75/±2
1.35/2.7
LSB
Full
VI
±1
±1/±2.3
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
10
4
ppm/
°C
Gain Error2
Full
V
80
100
ppm/
°C
Reference
Full
V
40
40
ppm/
°C
REFERENCE
Internal Reference Voltage
25
°C
I
1.18
1.24
1.28
1.18
1.24
1.28
V
(REFOUT)
Input Resistance (REFIN A, B)
Full
V
9
11
13
9
11
13
k
ANALOG INPUTS
Differential Input Voltage
Full
V
1 or 2
1
V
Range (AIN,
AIN)3
Common-Mode Voltage
Full
V
VD/3
VD/3
V
Input Resistance
Full
VI
8
10
14
8
10
14
k
Input Capacitance
25
°CV
3
3
pF
POWER SUPPLY
VD
Full
IV
2.7
3
3.6
2.7
3
3.6
V
VDD
Full
IV
2.7
3
3.6
2.7
3
3.6
V
Supply Currents
IVD (VD = 3.0 V)
4
Full
VI
108/117
113/122
172/183
175/188
mA
IVDD (VDD = 3.0 V)
4
25
°C
V
7/11
13/17
mA
Power Dissipation DC
5
Full
VI
325/350
340/365
515/550
525/565
mW
IVD Power-Down Current
6
Full
VI
20
22
mA
Power Supply Rejection Ratio
25
°CI
±1
±1
mV/V
NOTES
1No Missing Codes across industrial temperature range guaranteed for -40 MSPS, -65 MSPS, and -80 MSPS grades. No missing codes at room temperature guaran-
teed for -105 grade.
2Gain error and gain temperature coefficients are based on the ADC only (with a fixed 1.25 V external reference) -65 Grade in 2 V p-p range, -40, -85, -105 Grades in
1 V p-p range.
3(AIN –
AIN) =
±0.5 V in 1 V range (full scale), (AIN – AIN) = ± 1 V in 2 V range (full scale).
4AC Power Dissipation measured with rated encode and a 10.3 MHz analog input @ 0.5 dBFS, C
LOAD = 5 pF.
5DC Power Dissipation measured with rated encode and a dc analog input (Outputs Static, IV
DD = 0)
6In power-down state IV
DD =
± 10 µA typical (all grades).
Specifications subject to change without notice.
(VDD = 3.0 V, VD = 3.0 V; external reference, unless otherwise noted.)


Similar Part No. - AD9218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218 AD-AD9218 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
AD9218-105PCB AD-AD9218-105PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-105PCB AD-AD9218-105PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9218-105PCB AD-AD9218-105PCB Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
AD9218-65PCB AD-AD9218-65PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
More results

Similar Description - AD9218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com