Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTLP260J Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KTLP260J
Description  Pb free and RoHS compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP260J Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KTLP260J_13 Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP260J_13 Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP260J_13 Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP260J_13 Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP260J_13 Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP260J_13 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/04/2013
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KTLP260J
NO. 61P43004
REV.
4
SHEET 4 OF 6
Forward Current vs. Ambient
Temperature
Diode Power Dissipation vs.
Ambient Temperature
20
10
0
-30
0
25
55
75
100
50
40
30
115
0
-30
40
20
025
100
70
60
80
50
75
100
115
Ambient Temperature Ta ( ℃ )
Ambient Temperature Ta ( ℃ )
On-State R.M.S. Current vs.
Ambient Temperature
Total Power Dissipation vs.
Ambient Temperature
40
20
-30
0
0
80
60
25
55
75
100
70
115
100
0
-30
50
025
150
200
50
75
100 115
Ambient temperature Ta (℃)
Ambient temperature Ta (℃)
Peak Forward Current vs.
Duty Ratio
Forward Current vs. Forward
Voltage
Pulse width <=100us
10
100
0
-3
10
-2
10
-1
1000
10000
Ta=25°C
1
2
1
0
10
5
0.5
1.0
1.5 2.0
2.5
3.0
Ta=75°
50
20
200
100
50°
500
-25°
25°
Duty ratio
Forward voltage VF (V)


Similar Part No. - KTLP260J_13

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP260J COSMO-KTLP260J_15 Datasheet
208Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER
More results

Similar Description - KTLP260J_13

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
KTLP168J COSMO-KTLP168J_13 Datasheet
131Kb / 6P
   Pb free and RoHS compliant
logo
Microchip Technology
EQCO850SC.3-HS MICROCHIP-EQCO850SC.3-HS Datasheet
1Mb / 24P
   Pb-Free and RoHS Compliant
01/27/15
logo
M/A-COM Technology Solu...
MAFL-011056 MA-COM-MAFL-011056 Datasheet
211Kb / 6P
   RoHS Compliant and Pb free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com