Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD504 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD504
Description  25V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD504 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD504 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD504 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD504 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD504 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD504 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD504 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD504
25V N-Channel AlphaMOS
General Description
Product Summary
VDS
ID (at VGS=10V)
46A
RDS(ON) (at VGS=10V)
< 5m
RDS(ON) (at VGS = 4.5V)
< 10m
Application
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
25V
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Maximum
Units
• Latest Trench Power MOSFET technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing
• Isolated DC/DC Converters in Telecom and Industrial
Drain-Source Voltage
25
V
Gate-Source Voltage
±20
V
G
D
S
TO252
DPAK
TopView
Bottom View
G
G
D
D
S
S
D
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
100ns
33
V
Gate-Source Voltage
±20
V
Continuous Drain
Current
G
TC=25°C
ID
46
A
TC=100°C
36
Pulsed Drain Current
C
170
Continuous Drain
Current
TA=25°C
IDSM
18
A
TA=70°C
14
Avalanche Current
C
29
A
Avalanche energy L=0.1mH
C
42
mJ
Power Dissipation
B
TC=25°C
PD
50
W
TC=100°C
25
Power Dissipation
A
TA=25°C
PDSM
2.5
W
TA=70°C
1.6
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Parameter
Typ
Max
Units
Maximum Junction-to-Case
2.5
3
°C/W
Maximum Junction-to-Ambient
A
RθJA
16
20
°C/W
Maximum Junction-to-Ambient
A D
41
50
°C/W
Rev 0: July 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOD504

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD504 ISC-AOD504 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOD504

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD502 AOSMD-AOD502 Datasheet
288Kb / 6P
   25V N-Channel AlphaMOS
AON6522 AOSMD-AON6522 Datasheet
286Kb / 6P
   25V N-Channel AlphaMOS
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com