Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7443340100 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7443340100
Description  POWER-CHOKE WE-HCC 8070 (Ferrite)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443340100 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443340100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443340100 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bezeichnung :
description :
A
mm
B
mm
C
mm
D
mm
E
mm
F
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Lerrlaufinduktivität/
initial inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Sättigungsstrom/
saturation current
Eigenres.-Frequenz
self-res.-frequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrite
Lagertemp. / storage temperature:
-40°C - +60°C
BD
09-11-03
Rst
09-05-05
Name
Datum / date
Freigabe erteilt / general release:
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
∆T= 50 K
Würth Elektronik
..................................................................................
∆L/L0= 30 %
Isat
typ.
IN
Kunde / customer
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
not exceed 125°C under worst case operating conditions.
Draht / wire:
JIS 155°C , UL : E201757
WAYNE KERR 3260B für/for L
0; I
SAT
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
24,0
SRF
147,0
Basismaterial / base material:
Metra HIT 27I für/for R
DC
Arbeitstemperatur / operating temperature: -40°C - +125°C
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
...................................................
..............................................
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-11-03
± 10%
A
Testbedingungen /
test conditions
17,0
typ.
2,95
± 20%
Kunde / customer :
SPEICHERDROSSEL WE-HCC 8070 (Ferrit)
POWER-CHOKE WE-HCC 8070 (Ferrite)
Artikelnummer / part number :
7443340100
A Mechanische Abmessungen / dimensions:
100 kHz / 10mA
L0
1,00
B Elektrische Eigenschaften / electrical properties:
@ 20°C
µH
RDC
mΩ
It is recommended that the temperature of the part does
8,4 ± 0,4
2,75 ± 0,5
1,5 ± 0,2
HP 34401 A & Fluke 54II für/for I
DC;
A
Luftfeuchtigkeit / humidity:
typ.
MHz
2,3 ± 0,2
7,2 ± 0,3
7,9 ± 0,3
C Lötpad / soldering spec.:
Änderung / modification
Version 1
Version 2
[
mm]
2,3
3,0
4,4
A
C
B
F
E
RDC is measured at these points
D
datecode & inductance code
marking at side wall
SEITE 1 VON 4


Similar Part No. - 7443340100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443340150 WURTH-7443340150 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
More results

Similar Description - 7443340100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7443340680 WURTH-7443340680 Datasheet
161Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340330 WURTH-7443340330 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340470 WURTH-7443340470 Datasheet
162Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340068 WURTH-7443340068 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340220 WURTH-7443340220 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443341000 WURTH-7443341000 Datasheet
161Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340150 WURTH-7443340150 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340030 WURTH-7443340030 Datasheet
129Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443340047 WURTH-7443340047 Datasheet
129Kb / 4P
   POWER-CHOKE WE-HCC 8070 (Ferrite)
7443330470 WURTH-7443330470 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com