Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRB2504 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FRB2504
Description  25 Amp Surface Mount Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FRB2504 Datasheet(HTML) 1 Page - Micro Commercial Components

  FRB2504_13 Datasheet HTML 1Page - Micro Commercial Components FRB2504_13 Datasheet HTML 2Page - Micro Commercial Components FRB2504_13 Datasheet HTML 3Page - Micro Commercial Components FRB2504_13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FRB2504
25 Amp
Surface Mount
Fast Recovery
Rectifier
Features
Glass Passivated Junction
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
B
20
13/01/01
D
2-PACK
SUGGESTED SOLDER PAD LAYOUT
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.359
8.13
9.14
B
.380
.411
9.65
10.45
C
.160
.190
4.06
4.83
D
.020
.035
0.51
0.89
E
.045
.055
1.14
1.40
G
.095
.105
2.41
2.67
H
.096
.120
2.43
3.03
J
.014
.021
0.35
0.53
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.80
V
.045
.055
1.14
1.40
E
J
K
H
A
S
V
B
D
G
Inches
mm
.065
1.65
.330
8.38
.420
10.66
.120
3.05
.070
1.78
.740
18.79
TM
Micro Commercial Components
Rating
Symbol
Value
Units
Peak Repetitive
Reverse Voltage
Working Peak
Reverse Voltage
DC Blocking Voltage
VDC
400
V
Average Rectified
Forword Current(TC=100 )
Non-Repetitive Peak
Forward Surge Current
Operating Junction and
Storage Temperature Range
Rating
Symbol
Value
Units
Thermal Resistance
Junction To Case
WR
7
-
7
VWJ
RthJC
1
/watt
IF(AV)
25
A
IFSM
280
A
VRRM
400
V
VRRM
400
V
Parameter
Symbol
Conditions
Typical
Max
Units
IF=25A
1.17
1.3
IF=50A
1.35
1.5
Reverse Leakage Current
IR
VR=400V
--
10
uA
IF=0.5A,IR=1.0A
IRR=0.25A
110
250
V
ns
Forward voltage(Note 1)
VF
Trr
Reverse Recovery Time
THERMAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(T = 25°C unless otherwise noted)
J
Low VF for Forward Conduction Losses
Marking:FRB2504
1
3
Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
www.mccsemi.com
1 of 4
1
2
3
4
w
W
0
.006
0
0.15
2
4
High Current(IF(AV)=25A)
Lead Free Finish/RoHS Compliant(Note 1)("P" Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - FRB2504_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FRB2504 MCC-FRB2504_11 Datasheet
217Kb / 4P
   25 Amp Surface Mount Fast Recovery Rectifier
More results

Similar Description - FRB2504_13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FRB2504 MCC-FRB2504_11 Datasheet
217Kb / 4P
   25 Amp Surface Mount Fast Recovery Rectifier
FRB2504 MCC-FRB2504 Datasheet
86Kb / 3P
   25 Amp Surface Mount Fast Recovery Rectifier
FR2504 MCC-FR2504_13 Datasheet
323Kb / 3P
   25 Amp Fast Recovery Rectifier
FR2504 MCC-FR2504 Datasheet
197Kb / 3P
   25 Amp Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
SMF101M SECOS-SMF101M Datasheet
61Kb / 3P
   1 Amp Surface Mount Fast Recovery Rectifier
SMF101M SECOS-SMF101M_15 Datasheet
61Kb / 3P
   1.0 Amp Surface Mount Fast Recovery Rectifier
logo
Fuji Electric
RKBPC25005 FUJI-RKBPC25005 Datasheet
737Kb / 1P
   25 AMP FAST RECOVERY BRIDGE RECTIFIER
US1A FUJI-US1A Datasheet
770Kb / 1P
   1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS1A FUJI-RS1A Datasheet
724Kb / 1P
   1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
RS3A FUJI-RS3A Datasheet
718Kb / 1P
   3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com