Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTLP3506H Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KTLP3506H
Description  Compact dual-in-line package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KTLP3506H Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KTLP3506H Datasheet HTML 1Page - COSMO  Electronics Corporation KTLP3506H Datasheet HTML 2Page - COSMO  Electronics Corporation KTLP3506H Datasheet HTML 3Page - COSMO  Electronics Corporation KTLP3506H Datasheet HTML 4Page - COSMO  Electronics Corporation KTLP3506H Datasheet HTML 5Page - COSMO  Electronics Corporation KTLP3506H Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:05/21/2007
62P45002
cosmo
ELECTRONICS CORPORATION
Power Photo TRIAC:
KTLP3506H
SHEET 5 OF 6
REV.
2
ITM vs. VTM
0
0
+0.5 +1.0
IF=10mA,Ta=25°C
+1.2
+0.8
+0.6
+1.0
+1.5
-0.6
-1.0
-1.2
-0.8
-1.5 -1.0 -0.5
On-State Voltage VTM ( V )


Similar Part No. - KTLP3506H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP3506HTL COSMO-KTLP3506HTL Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506HTLD COSMO-KTLP3506HTLD Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506HTR COSMO-KTLP3506HTR Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506HTRU COSMO-KTLP3506HTRU Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KTLP3506H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KTLP3507H COSMO-KTLP3507H Datasheet
114Kb / 6P
   Compact dual-in-line package
KTLP3506S COSMO-KTLP3506S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3616S COSMO-KTLP3616S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3617S COSMO-KTLP3617S Datasheet
139Kb / 6P
   Compact dual-in-line package.
KTLP3507S COSMO-KTLP3507S Datasheet
139Kb / 6P
   Compact dual-in-line package
KTLP3502H COSMO-KTLP3502H Datasheet
113Kb / 6P
   Compact dual-in-line package
KTLP3502S COSMO-KTLP3502S Datasheet
137Kb / 6P
   Compact dual-in-line package
KTLP3503S COSMO-KTLP3503S Datasheet
139Kb / 6P
   Compact dual-in-line package
KTLP3617H COSMO-KTLP3617H Datasheet
114Kb / 6P
   Compact dual-in-line package
KTLP3503H COSMO-KTLP3503H Datasheet
114Kb / 6P
   Compact dual-in-line package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com