Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER601 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER601
Description  6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER601 Datasheet(HTML) 1 Page - Micro Commercial Components

  HER601_13 Datasheet HTML 1Page - Micro Commercial Components HER601_13 Datasheet HTML 2Page - Micro Commercial Components HER601_13 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER601
THRU
HER608
6.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER601
50V
35V
50V
HER602
100V
70V
100V
HER603
200V
140V
200V
HER604
300V
210V
300V
HER605
400V
280V
400V
HER606
600V
420V
600V
HER607
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER601-604
HER605
VF
1.1V
1.3V
IFM = 6.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
10
µA
200
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER601-605
HER606-608
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER601-605
HER606-608
CJ
100pF
65pF
Measured at
1.0MHz, VR=4.0V
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
HER606-608
1.7V
HER608
1000V
700V
1000V
R-6
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
HER601
HER608
HER607
HER606
HER605
HER604
HER603
HER602
www.mccsemi.com
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Moisture Sensitivity Level 1
High Surge Current Capability,High Reliability
Low Forward Voltage Drop
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - HER601_13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER601 TSC-HER601_1 Datasheet
271Kb / 2P
   6.0 AMPS. High Efficient Rectifiers
logo
Micro Commercial Compon...
HER601 MCC-HER601_11 Datasheet
436Kb / 3P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
logo
Rugao Dachang Electroni...
HER601 DACHANG-HER601_15 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
GOOD-ARK Electronics
HER601 GOOD-ARK-HER601_15 Datasheet
194Kb / 2P
   High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
More results

Similar Description - HER601_13

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER601 YFWDIODE-HER601 Datasheet
84Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601-R-6 YFWDIODE-HER601-R-6 Datasheet
286Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
HER601 MCC-HER601_11 Datasheet
436Kb / 3P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601 MCC-HER601 Datasheet
91Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601GP MCC-HER601GP_13 Datasheet
325Kb / 3P
   6.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER501-DO-27 YFWDIODE-HER501-DO-27 Datasheet
326Kb / 2P
   5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com