Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD2610 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOD2610
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD2610 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOD2610 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD2610 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD2610 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD2610 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD2610 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD2610 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AOD2610
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
20
40
60
80
100
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
6
8
10
12
14
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
25
50
75
100
125
150
175
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
25°C
125°C
V
DS=5V
V
GS=4.5V
V
GS=10V
0
20
40
60
80
100
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=3V
3.5V
4.5V
10V
4V
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
4
8
12
16
20
24
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=20A
25°C
125°C
Rev 0: Oct. 2011
www.aosmd.com
Page 3 of 6


Similar Part No. - AOD2610

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2610 AOSMD-AOD2610 Datasheet
267Kb / 6P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOD2610 ISC-AOD2610 Datasheet
361Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD2610 VBSEMI-AOD2610 Datasheet
992Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AOD2610 DOINGTER-AOD2610 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
logo
Alpha & Omega Semicondu...
AOD2610E AOSMD-AOD2610E Datasheet
411Kb / 6P
   60V N-Channel AlphaSGT
More results

Similar Description - AOD2610

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com