Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER605GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER605GP
Description  6.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER605GP Datasheet(HTML) 1 Page - Micro Commercial Components

  HER605GP Datasheet HTML 1Page - Micro Commercial Components HER605GP Datasheet HTML 2Page - Micro Commercial Components HER605GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HER601GP
THRU
HER608GP
6.0 Amp Glass
Efficient Rectifiers
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER601GP
50V
35V
50V
HER602GP
100V
70V
100V
HER603GP
200V
140V
200V
HER604GP
300V
210V
300V
HER605GP
400V
280V
400V
HER606GP
600V
420V
600V
HER607GP
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
1.3V
IFM = 6.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
10
µA
200
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
100pF
65pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
1.7V
R-6
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Passivated High
HER608GP
1000V
700V
1000V
HER601GP-604GP
HER605GP
HER606GP-608GP
HER601GP-605GP
HER606GP-608GP
HER601GP-605GP
HER606GP-608GP
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
HER601GP
HER602GP
HER603GP
HER604GP
HER605GP
HER606GP
HER607GP
HER608GP
Moisture Sensitivity Level 1
Epoxy meets UL 94 V-0 flammability rating
High Surge Current Capability and High Reliability
Glass Passivated Junction
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - HER605GP

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HER605GPT CHENMKO-HER605GPT Datasheet
91Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER605GP

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HER601 YFWDIODE-HER601 Datasheet
84Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
HER601 MCC-HER601_13 Datasheet
455Kb / 3P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER601-R-6 YFWDIODE-HER601-R-6 Datasheet
286Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
HER601 MCC-HER601_11 Datasheet
436Kb / 3P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER601 MCC-HER601 Datasheet
91Kb / 2P
   6.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G Datasheet
311Kb / 2P
   Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
HER208G-TP MCC-HER208G-TP Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
KBJ6005G MCC-KBJ6005G Datasheet
735Kb / 3P
   6.0 Amp Glass Passivated Bridge Rectifiers 50 to 1000 volts
KBJL6005G MCC-KBJL6005G Datasheet
332Kb / 2P
   6.0 Amp Glass Passivated Bridge Rectifiers 50 to 1000 Volts
HER201G MCC-HER201G_13 Datasheet
279Kb / 3P
   2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com