Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9280 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9280
Description  Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9280 Datasheet(HTML) 3 Page - Analog Devices

  AD9280 Datasheet HTML 1Page - Analog Devices AD9280 Datasheet HTML 2Page - Analog Devices AD9280 Datasheet HTML 3Page - Analog Devices AD9280 Datasheet HTML 4Page - Analog Devices AD9280 Datasheet HTML 5Page - Analog Devices AD9280 Datasheet HTML 6Page - Analog Devices AD9280 Datasheet HTML 7Page - Analog Devices AD9280 Datasheet HTML 8Page - Analog Devices AD9280 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Parameter
Symbol
Min
Typ
Max
Units
Condition
DIGITAL INPUTS
High Input Voltage
VIH
2.4
V
Low Input Voltage
VIL
0.3
V
DIGITAL OUTPUTS
High-Z Leakage
IOZ
–10
+10
µA
Output = GND to VDD
Data Valid Delay
tOD
25
ns
CL = 20 pF
Data Enable Delay
tDEN
25
ns
Data High-Z Delay
tDHZ
13
ns
LOGIC OUTPUT (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.80
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.05
V
LOGIC OUTPUT (with DRVDD = 5 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+4.5
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.1
V
CLOCKING
Clock Pulsewidth High
tCH
14.7
ns
Clock Pulsewidth Low
tCL
14.7
ns
Pipeline Latency
3
Cycles
CLAMP
Clamp Error Voltage
EOC
±60
±80
mV
CLAMPIN = +0.5 V to +2.0 V,
RIN = 10 Ω
Clamp Pulsewidth
tCPW
2
µsC
IN = 1 µF (Period = 63.5 µs)
NOTES
1See Figures 1a and 1b.
Specifications subject to change without notice.
AD9280
REFTS
REFBS
MODE
AVDD
10k
10k
0.4
VDD
AD9280
REFTS
REFBF
MODE
REFTF
REFBS
4.2k
a.
b.
Figure 1. Equivalent Input Load
AD9280
–3–
REV. D


Similar Part No. - AD9280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD9280-EB AD-AD9280-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9280-EB AD-AD9280-EB Datasheet
438Kb / 25P
   CMOS A/D Converter
AD9280ARS AD-AD9280ARS Datasheet
438Kb / 25P
   CMOS A/D Converter
AD9280ARSRL AD-AD9280ARSRL Datasheet
438Kb / 25P
   CMOS A/D Converter
More results

Similar Description - AD9280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280ARSZ AD-AD9280ARSZ Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com