Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD4184 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD4184
Description  40V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4184 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD4184_09 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4184_09 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4184_09 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4184_09 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4184_09 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4184_09 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOD4184/AOI4184
40V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
50A
RDS(ON) (at VGS=10V)
< 8m
RDS(ON) (at VGS = 4.5V)
< 11m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
120
Pulsed Drain Current
C
Continuous Drain
Current
Parameter
Typ
Max
TC=25°C
2.3
25
TC=100°C
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
18
44
22
V
±20
Gate-Source Voltage
Drain-Source Voltage
40
The AOD4184/AOI4184 used advanced trench technology
and design to provide excellent RDS(ON) with low gate
charge. With the excellent thermal resistance of the DPAK
package, those devices are well suited for high current
load applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
40V
Avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
5
Continuous Drain
Current
61
6.5
A
35
A
TA=25°C
IDSM
A
TA=70°C
ID
50
40
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
50
1.5
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
2.4
55
3
G
D
S
TO252
DPAK
TopView
Bottom View
G
S
D
G
S
D
G
G
D
D
S
S
D
Top View
Bottom View
TO-251A
IPAK
Rev0 : April 2009
www.aosmd.com
Page 1 of 6


Similar Part No. - AOD4184_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD4184A AOSMD-AOD4184A Datasheet
237Kb / 6P
   40V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOD4184A VBSEMI-AOD4184A Datasheet
1,004Kb / 8P
   N-Channel 40-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD4184A ISC-AOD4184A Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD4184A DOINGTER-AOD4184A Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
TECH PUBLIC Electronics...
AOD4184A TECHPUBLIC-AOD4184A Datasheet
1Mb / 5P
   40V N-Channel MOSFET
More results

Similar Description - AOD4184_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com