Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN2B4RTTE103J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CN2B4RTTE103J
Description  anti sulfuration chip networks (concave termination)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN2B4RTTE103J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CN2B4RTTE103J Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN2B4RTTE103J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
71
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
Absolute
Maximum
Working
Voltage
Part
Designation
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power
Rating
(w/ Element)
T.C.R.
(x10
-6/K)
applications and ratings
CN1J4RT
CN2A4RT
CN2B4RT
0.1
0.063
50V
100V
-55°C to
+125°C
±200
environmental applications
circuit schematic
CN-RT
anti sulfuration chip networks
(concave termination)
Performance Characteristics
Resistance
Range (Ω)
J:±5% E24
* Note that network resistors generate higher heat rather than single flat chip resistor under rated power output
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±2.0%
±0.50%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.25%
Rapid Change of Temperature
-55°C (30 minutes) / +125°C (30 minutes), 5 cycles
±1.0%
±0.50%
Moisture Resistance
40°C ± 2°C, 90-95% RH, 1000 hours, 1.5 hr ON / 0.5 hr OFF cycle
±5.0%
±1.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±0.50%
High Temperature Exposure
+125°C, 1000 hours
±1.0%
±0.20%
Derating Curve
100
80
60
40
20
0
-55
70
125
-60 -40 -20
0
20
40
60
80 100 120
140
Ambient Temperature
(°C)
Type
CNZ1J4RT
CNZ2B4RT
50mΩ max.
CNZ2A4RT
Resistance
Current Rating
0.5A
Max. Surge Current
2A
4A
3A
1.0A
CN1J4RT
CN2A4RT
CN2B4RT
R1
R2
R3
R4
R
1 =R2 =R3 =R4
jumper ratings
0.125
10~1M
100V
200V
200V
400V
Rated
Working
Temperature
+70°C
Taping & Quantity Reel
(pcs)
TD
TE
5,000
4,000
4,000
For resistors operated at an ambient temperature of 70°C or above, a
power rating shall be derated in accordance with the above derating curve.


Similar Part No. - CN2B4RTTE103J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CN2B4 ETC1-CN2B4 Datasheet
465Kb / 4P
   Manufactured to type RM Standards
logo
KOA Speer Electronics, ...
CN2B4 KOA-CN2B4 Datasheet
399Kb / 2P
   concave termination with square corners resistor array
CN2B4ATRDD101F KOA-CN2B4ATRDD101F Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN2B4ATRDD101J KOA-CN2B4ATRDD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN2B4ATTD KOA-CN2B4ATTD Datasheet
90Kb / 4P
   Chip Networks Resistors
More results

Similar Description - CN2B4RTTE103J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
   anti sulfuration chip networks (convex termination)
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
   anti sulfuration chip networks
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
   anti sulfuration chip networks
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73B2A KOA-RK73B2A Datasheet
95Kb / 2P
   flat chip resistors (anti-sulfuration)
logo
WALSIN TECHNOLOGY CORPO...
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
   General purpose & Anti-sulfuration chip resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
logo
KOA Speer Electronics, ...
SG732ARTTD103K KOA-SG732ARTTD103K Datasheet
232Kb / 2P
   surge current flat chip resistors (anti-sulfuration)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com