Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9432BST-105 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9432BST-105
Description  12-Bit, 80 MSPS/105 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432BST-105 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9432BST-105 Datasheet HTML 3Page - Analog Devices AD9432BST-105 Datasheet HTML 4Page - Analog Devices AD9432BST-105 Datasheet HTML 5Page - Analog Devices AD9432BST-105 Datasheet HTML 6Page - Analog Devices AD9432BST-105 Datasheet HTML 7Page - Analog Devices AD9432BST-105 Datasheet HTML 8Page - Analog Devices AD9432BST-105 Datasheet HTML 9Page - Analog Devices AD9432BST-105 Datasheet HTML 10Page - Analog Devices AD9432BST-105 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. E
AD9432
–7–
ENCODE – MSPS
90
020
40
60
80
100
120
140
160
85
80
75
70
65
60
AIN = 10.3MHz
SINAD
SFDR
SNR
TPC 1. SNR/SINAD/SFDR vs. fS: fIN = 10.3 MHz
ENCODE – MSPS
020
40
60
80
100
120
140
160
–90
–95
–100
–85
–80
–75
–70
–65
–60
–55
–50
AIN = 10.3MHz
2nd
3rd
TPC 2. Harmonics vs. fS: fIN = 10.3 MHz
ANALOG INPUT FREQUENCY – MHz
70
020
40
60
80
100
120
140
160
200
65
60
55
50
45
40
ENCODE = 105MSPS
SINAD (–0.5dBFS)
SINAD (–3.0dBFS)
SINAD (–6.0dBFS)
180
TPC 3. SINAD vs. fIN: fS = 105 MSPS
AIN INPUT FREQUENCY – MHz (–0.5dBFS)
70
0
50
100
150
200
250
65
60
55
50
TPC 4. SNR vs. AIN Input Frequency,
Encode = 105 MSPS
ANALOG INPUT FREQUENCY – MHz
0
100
20
120
40
140
60
160
80
50
40
60
70
80
90
100
180
2nd or 3rd (–3.0dBFS)
2nd or 3rd (–6.0dBFS)
2nd or 3rd (–0.5dBFS)
200
ENCODE = 105MSPS
TPC 5. Harmonics vs. fIN: fS = 105 MSPS
ANALOG INPUT FREQUENCY – MHz
020
40
60
80
100
120
140
160
50
40
60
70
80
90
100
180
200
WORST OTHER (–3.0dBFS)
WORST OTHER (–6.0dBFS)
WORST OTHER (–0.5dBFS)
ENCODE = 105MSPS
TPC 6. Worst-Case Spur (Other than Second and
Third) vs. fIN: fS = 105 MSPS
Typical Performance Characteristics–


Similar Part No. - AD9432BST-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432BST-105 AD-AD9432BST-105 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results

Similar Description - AD9432BST-105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD6645ASQZ-105 AD-AD6645ASQZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com