Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV732ATTDD1004G Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # HV732ATTDD1004G
Description  flat chip resistors for high voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

HV732ATTDD1004G Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  HV732ATTDD1004G Datasheet HTML 1Page - KOA Speer Electronics, Inc. HV732ATTDD1004G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HV73
flat chip resistors for high voltage
27
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/05/13
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
0
40
6080100160
70
20
Ambient Temperature
(°C)
0
-55
120
155
-20
140
Absolute
Maximum
Working
Voltage
E-24
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Part
Designation
Maximum
Overload
Voltage
(D.C.)*
Operating
Temperature
Range
Power
Rating
@ 70°C
2A
2B
100k - 10M
100k - 10M
——
11M - 51M
100k - 10M
400V
800V*
500V
1000V*
11M - 51M
±100
0.125W
(0.25W)***
0.25W
±200
±200
Resistance Range (Ω)
T.C.R.
(ppm/°C)
Max.
-55°C
to
+155°C
E-24
(D±0.5%)
100k - 1M
100k - 10M 100k - 10M 100k - 10M
±100
100k - 1M
2H
——
11M - 51M
2000V(*D.C.)
3000V*
0.5W
±200
100k - 10M 100k - 10M 100k - 10M
±100
100k - 1M
3A
11M - 20M
11M - 20M
11M - 51M
3000V(*D.C.)
4000V*
1W
±200
43k - 10M
43k - 10M
43k - 10M
±100
43k - 1M
Performance Characteristics
Parameter
Requirement ∆ R ±(%+0.1Ω)
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within regulated
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage (D.C.) x 2.5 for 5 seconds
±2%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%
±0.5%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±0.5%:
(10KΩ≤R≤10MΩ)
±1%:
(11MΩ≤R≤51MΩ)
±0.3%:
(10KΩ≤R≤10MΩ)
±0.5%:
(11MΩ≤R≤51MΩ)
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±0.75%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±0.75%
High Temperature
Exposure
+155°C, 1000 hours
±2%
±0.3%
1J
350V
500V*
0.1W
±100**
10k - 10M
10k - 10M
10k - 10M
* AC Voltage Reference: When using for A.C. Voltage, use the peak A.C. Voltage, which should not exceed the Maximum DC Overload Voltage
(Max. DC Voltage/ √2)
** Cold T.C.R. of 1.1MΩ ~ 10MΩ is +200x10-6/K
*** Contact factory prior to use
applications and ratings
Additional environmental applications can also be found at www.koaspeer.com
For resistors operated at an ambient temperature of 70°C or above, a
power rating shall be derated in accordance with the above derating curve.


Similar Part No. - HV732ATTDD1004G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV732ATTDD1004G KOA-HV732ATTDD1004G Datasheet
83Kb / 2P
   flat chip resistors for high voltage
More results

Similar Description - HV732ATTDD1004G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HV731JT KOA-HV731JT Datasheet
83Kb / 2P
   flat chip resistors for high voltage
HV73 KOA-HV73 Datasheet
381Kb / 2P
   flat chip resistors for high voltage
HV73-RT KOA-HV73-RT Datasheet
380Kb / 2P
   flat chip resistors for high voltage
logo
Vishay Siliconix
TNPVE3 VISHAY-TNPVE3_V01 Datasheet
141Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
01-Jan-2022
TNPVE3 VISHAY-TNPVE3 Datasheet
112Kb / 9P
   High Voltage Thin Film Flat Chip Resistors
Revision: 24-Apr-15
logo
HOKURIKU ELECTRIC INDUS...
E011400 HOKURIKU-E011400 Datasheet
89Kb / 4P
   Flat Chip Resistors
logo
List of Unclassifed Man...
MCT0603 ETC1-MCT0603 Datasheet
763Kb / 13P
   Precision flat chip resistors
MCS0402 ETC1-MCS0402 Datasheet
728Kb / 16P
   Professional flat chip resistors
logo
Vishay Siliconix
TNPW_E3 VISHAY-TNPW_E3 Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com