Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP731JTTE103G3600 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # LP731JTTE103G3600
Description  thin film resistance thermal chip sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LP731JTTE103G3600 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  LP731JTTE103G3600 Datasheet HTML 1Page - KOA Speer Electronics, Inc. LP731JTTE103G3600 Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100Ω - 1kΩ
LP73
thin film resistance thermal chip sensor
applications and ratings (continued)
Resistance
Tolerance
T.C.R.
Tolerance
T.C.R.
(ppm/°C)
Max.
100Ω - 2kΩ
100Ω - 10kΩ
Resistance Range
E-24
1J
2A
2B
F: ±1%, G: ±2%
J: ±5%
F: ±1%
G: ±2%
J: ±5%
G: ±2%, J: ±5%
±5%
3000
100Ω-1kΩ
100Ω-300Ω
330Ω-1kΩ
3300
3600
4000
4500
5000
Performance Characteristics
Resistance
Within regulated
tolerance
T.C.R.
+25°C/+65°C
25°C
Within specified
T.C.R.
Overload
Rated voltage x 2.5 for 5 seconds
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
Rapid Change
of Temperature
-55°C (30 minutes),+25°C (2-3 minutes), +125°C (30 minutes),
+25°C (2-3 minutes), 5 cycles
±0.5%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hours ON, 0.5 hours OFF cycle
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hours ON, 0.5 hours OFF cycle
±2.0%
Derating Curve
Temperature Characteristics
100
80
60
40
20
-60
-40
-20
0
406080100140
70
20
Ambient Temperature
(°C)
0
-55
120
125
60
30
0
-10
-50
-25
0
50
100
125
Ambient Temperature
(°C)
-40
-75
4000ppm/°C
20
10
-20
-30
3600ppm/°C
3300ppm/°C
3000ppm/°C
25
50
40
4500ppm/°C
5000ppm/°C
T.C.R.
(X10
-6/K)
75
Approximate Expression for Resistance-Temperature Characteristics
C1
C2
3000
3300
3600
0.931258
0.00265213
3.90112 x 10-6
4.00516 x 10-6
4.34428 x 10-6
0.924355
0.916356
C0
T.C.R.
(x10-6/K)
0.00292569
0.00323714
(Values are not guaranteed but typical)
RT=R25 (C0+C1T+C2T2)
RT: Resistance value at T°C
R25: Resistance value at 25°C
T: Ambient temperature (°C)
C0, C1, C2: Constants
environmental applications
4000
4500
5000
0.907039
0.00361006
4.33457 x 10-6
6.05201 x 10-6
7.48809 x 10-6
0.897412
0.886014
0.00395222
0.00437224
±0.5%
±2.0%
––
––
±0.3%
±0.3%
±1.5%
±0.3%
±1.5%
Parameter
Requirement ∆ R ±(%+0.05Ω)
Limit
Typical
Test Method
183
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
6/25/12
Confirming resistance drift is recommended since this product has a tendency to have bigger resistance change than general flat chip over 70°C.
Please pay attention not to be applied ESD, it may cause of resistance change.
Test Items
High Temperature Exposure
125°C, 1000 hours
±8.0%
Reference
Test Method
ESD
Human model, 100 pF 1.5 kΩ
500V
Actual Value (Out of Guarantee)


Similar Part No. - LP731JTTE103G3600

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LP731JTTE103G3600 KOA-LP731JTTE103G3600 Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
More results

Similar Description - LP731JTTE103G3600

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LP18CT26A103J362 KOA-LP18CT26A103J362 Datasheet
484Kb / 2P
   thin film resistance thermal sensor
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
logo
Amphenol Corporation
PT101K1003B1 AMPHENOL-PT101K1003B1 Datasheet
62Kb / 4P
   Thermometrics Thin-Film Resistance Elements
logo
KOA Speer Electronics, ...
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
logo
Ohmite Mfg. Co.
FST OHMITE-FST Datasheet
246Kb / 1P
   Thin Film Temperature Sensor
logo
American Accurate Compo...
MJTC-101GXM AAC-MJTC-101GXM Datasheet
64Kb / 1P
   Thin-Film Planar Multijunction Thermal Converters
logo
List of Unclassifed Man...
TW30DY2 ETC2-TW30DY2 Datasheet
81Kb / 3P
   Ultraviolet selective thin film sensor
TW30SY ETC2-TW30SY Datasheet
108Kb / 3P
   Ultraviolet selective thin film sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com