Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KQC0603TTPR10B Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KQC0603TTPR10B
Description  high current inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KQC0603TTPR10B Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KQC0603TTPR10B Datasheet HTML 1Page - KOA Speer Electronics, Inc. KQC0603TTPR10B Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part
Designation
L
Measuring
Frequency
applications and ratings
DC
Resistance
Maximum
(Ω)
Allowable
DC Current
Maximum
(A)
Self Resonant
Frequency
Minimum
(GHz)
Q
Quality
Factor
Minimum
Q
Measuring
Frequency
(MHz)
Nominal
Inductance
(nH)
Inductance
Tolerance
250
25
29
250
1.4
1.5
1.6
1.7
2.5
2.7
3.0
3.3
3.9
4.3
4.7
6.2
KQC0402T**1N4*
KQC0402T**1N5*
KQC0402T**1N6*
KQC0402T**1N7*
KQC0402T**2N5*
KQC0402T**2N7*
KQC0402T**3N0*
KQC0402T**3N3*
KQC0402T**3N9*
KQC0402T**4N3*
KQC0402T**4N7*
KQC0402T**6N2*
B: ±0.1nH%
11.0
9.6
8.0
6.6
6.6
0.019
0.028
0.036
0.045
1.40
1.20
1.00
0.90
C: ±0.2nH
* Add tolerance character (B, C, J, G)
** Add packaging character (TD, TP)
KQC
high current inductor
250
18
35
250
1.2
2.7
4.7
5.6
7.5
8.2
10
12
15
18
22
27
KQC0603TTE1N2*
KQC0603TTE2N7*
KQC0603TTE4N7*
KQC0603TTE5N6*
KQC0603TTE7N5*
KQC0603TTE8N2*
KQC0603TTE10N*
KQC0603TTE12N*
KQC0603TTE15N*
KQC0603TTE18N*
KQC0603TTE22N*
KQC0603TTE27N*
J: ±5%
6.0
5.5
4.0
3.0
2.5
0.020
0.025
0.035
0.045
0.065
0.055
0.065
0.090
0.100
0.120
2.25
2.00
1.80
1.50
1.25
1.40
1.25
1.20
1.10
1.00
G: ±2%
J: ±5%
27
30
10.0
8.5
7.2
7.3
7.0
5.6
environmental applications
199
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/31/10
For complete environmental specifications, please refer to www.koaspeer.com
Performance Characteristics
Parameter
260°C ± 5°C, 10s ± 1s
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Requirements Maximum ∆L/L
Test Method
Resistance to Soldering Heat
-40°C (30min.)/ +125°C (30min.) 100 cycles
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Rapid Change of Temperature
-40°C ± 2°C, 1000h
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Low Temperature Exposure
125°C ± 2°C, 1000h
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
No significant abnormality
in appearance
∆ L/L: ±5%, ∆ Q/Q: ±10%
Moisture Exposure
Accordance with MIL-STD 202F Method 215
No damage and marking shall
remain legible
Resistance to Solvent
Limit
Typical
∆ L/L: ±1.2%
∆ Q/Q: ±2.7%
∆ L/L: ±1.7%
∆ Q/Q: ±3.3%
∆ L/L: ±1.8%
∆ Q/Q: ±3.3%
∆ L/L: ±2.0%
∆ Q/Q: ±4.1%
∆ L/L: ±1.9%
∆ Q/Q: ±3.9%


Similar Part No. - KQC0603TTPR10B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQC0603TTE10N KOA-KQC0603TTE10N Datasheet
131Kb / 3P
   high current inductor
KQC0603TTE12N KOA-KQC0603TTE12N Datasheet
131Kb / 3P
   high current inductor
KQC0603TTE15N KOA-KQC0603TTE15N Datasheet
131Kb / 3P
   high current inductor
KQC0603TTE18N KOA-KQC0603TTE18N Datasheet
131Kb / 3P
   high current inductor
KQC0603TTE1N2 KOA-KQC0603TTE1N2 Datasheet
131Kb / 3P
   high current inductor
More results

Similar Description - KQC0603TTPR10B

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KQC0402T KOA-KQC0402T Datasheet
131Kb / 3P
   high current inductor
logo
XFMRS Inc.
XFHCL5-2R3M XFMRS-XFHCL5-2R3M Datasheet
64Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL6MA-2R3M XFMRS-XFHCL6MA-2R3M Datasheet
39Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL2817H-6R8K XFMRS-XFHCL2817H-6R8K Datasheet
70Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL2817H-150K XFMRS-XFHCL2817H-150K Datasheet
37Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL5-7R8L XFMRS-XFHCL5-7R8L Datasheet
46Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL5-R87L XFMRS-XFHCL5-R87L Datasheet
46Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL6LP-100M XFMRS-XFHCL6LP-100M Datasheet
63Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL6MD-R47M XFMRS-XFHCL6MD-R47M Datasheet
44Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL6ME-220M XFMRS-XFHCL6ME-220M Datasheet
63Kb / 1P
   HIGH CURRENT INDUCTOR
XFHCL6LPA-4R7M XFMRS-XFHCL6LPA-4R7M Datasheet
64Kb / 1P
   HIGH CURRENT INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com