Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNZ1F4KTTE Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CNZ1F4KTTE
Description  zero ohm jumper resistor array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CNZ1F4KTTE Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CNZ1F4KTTE Datasheet HTML 1Page - KOA Speer Electronics, Inc. CNZ1F4KTTE Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
81
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
CNZ
zero ohm jumper resistor array
ordering information
1H
1E
1F
1J
2A
2B
2
4
8
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
CNZ
1J
4
T
Elements
Type
Size
Termination
Material
New Part #
Blank: Concave
A: Convex/scalloped
K: Convex/square
N: Flat/square
A
Terminal Style
For further information
on packaging, please
refer to Appendix A.
Part
Designation
Operating
Temperature
Range
Current Rating
@ 70°C
(Per Element)
Maximum
Surge Current
applications and ratings
Maximum
Resistance
CNZ1J2/CNZ1J2K
0.5 Amps
2.0 Amps
––
3.0 Amps
50mΩ
-55°C to +125°C
CNZ1J4/CNZ1J4A/CNZ1J4K
1.0 Amps
4.0 Amps
CNZ1J8
CNZ1E4K
Derating Curve
environmental applications
100
80
60
40
20
70
125
Ambient Temperature
(°C)
0
0-55
circuit schematic
CNZ1E2K
TD: 7" paper tape
TE: 7" embossed plastic
TDD: 10" paper tape
Packaging
TD
CNZ2B2
CNZ2B4/CNZ2B4A
CNZ1F8K
CNZ2A4
CNZ2A2
CNZ1H2N
CNZ1H4N
CNZ1E2
CNZ1E4
2.0 Amps
For resistors operated at an ambient temperature of 70°C or above, a power
rating shall be derated in accordance with the above derating curve.


Similar Part No. - CNZ1F4KTTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNZ1FATTD KOA-CNZ1FATTD Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ1FATTDD KOA-CNZ1FATTDD Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ1FATTE KOA-CNZ1FATTE Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ1FKTTD KOA-CNZ1FKTTD Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ1FKTTDD KOA-CNZ1FKTTDD Datasheet
98Kb / 2P
   zero ohm jumper resistor array
More results

Similar Description - CNZ1F4KTTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
   zero ohm jumper resistor array
CNZ KOA-CNZ Datasheet
386Kb / 2P
   zero ohm jumper resistor array
RK73Z KOA-RK73Z Datasheet
364Kb / 2P
   zero ohm jumper chip resistor
RK73Z1EL KOA-RK73Z1EL Datasheet
88Kb / 2P
   zero ohm jumper chip resistor
RK73Z2BTTD KOA-RK73Z2BTTD Datasheet
206Kb / 2P
   zero ohm jumper chip resistor
logo
Stackpole Electronics, ...
CD_SERIES SEI-CD_SERIES Datasheet
265Kb / 4P
   Zero Ohm Resistor
4/5/2022
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
   Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
Revision 01-Aug-02
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
   zero ohm melf resistor
logo
Vishay Siliconix
WSL0805 VISHAY-WSL0805 Datasheet
51Kb / 1P
   WSL TYPE ZERO OHM JUMPER
logo
RFE international
ZR25R-0R0-W RFE-ZR25R-0R0-W Datasheet
86Kb / 1P
   HIGH-MEG OHM RESISTORS ZERO OHM & JUMPER WIRE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com